Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiP32449 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SiP32449
Description  1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32449 Datasheet(HTML) 2 Page - Vishay Siliconix

  SiP32449 Datasheet HTML 1Page - Vishay Siliconix SiP32449 Datasheet HTML 2Page - Vishay Siliconix SiP32449 Datasheet HTML 3Page - Vishay Siliconix SiP32449 Datasheet HTML 4Page - Vishay Siliconix SiP32449 Datasheet HTML 5Page - Vishay Siliconix SiP32449 Datasheet HTML 6Page - Vishay Siliconix SiP32449 Datasheet HTML 7Page - Vishay Siliconix SiP32449 Datasheet HTML 8Page - Vishay Siliconix SiP32449 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SiP32448, SiP32449
www.vishay.com
Vishay Siliconix
S15-1920-Rev. C, 24-Aug-15
2
Document Number: 62959
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•
x = Lot code
•
GE4 denotes halogen-free and RoHS compliant
Notes
a. Device mounted with all leads and power pad soldered or welded to PC board, see PCB layout.
b. Derate 5.9 mW/°C above TA = 25 °C, see PCB layout.
c. TA = 25 °C, see PCB layout.
d. Tested on VIN with 2.2 μF CIN. VIN connected to micro-USB connector.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part Number
Package
Marking
Output Discharge
Temperature Range
SiP32448DNP-T1-GE4
TDFN4 1.2 mm x 1.6 mm
Lx
No
-40 °C to +85 °C
SiP32449DNP-T1-GE4
Px
Yes
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Supply Input Voltage (VIN)
-2 to +6
V
Enable Input Voltage (VEN)
-2 to +6
Output Voltage (VOUT)
-0.3 to +6
Maximum Continuous Switch Current (Imax.) c
4
A
Maximum Repetitive Pulsed Current (1 ms, 10 % Duty Cycle) c
7
Maximum Non-Repetitive Pulsed Current (100 μs, EN = Active) c
12
Junction Temperature (TJ)
-40 to +150
°C
Thermal Resistance (qJA) a
170
°C/W
Power Dissipation (PD) a,b
735
mW
ESD Rating
HBM
6
kV
MM
300
V
IEC41000-4-2 Air Discharge d
15
kV
IEC41000-4-2 Contact Discharge d
8
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Input Voltage Range (VIN)
1.7 to 5.5
V
Operating Junction Temperature Range (TJ)
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com