Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32472 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32472
Description  46 m ohm, Slew Rate Controlled Load Switch in uDFN4 1.1 mm x 1.1 mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32472 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32472 Datasheet HTML 5Page - Vishay Siliconix SIP32472 Datasheet HTML 6Page - Vishay Siliconix SIP32472 Datasheet HTML 7Page - Vishay Siliconix SIP32472 Datasheet HTML 8Page - Vishay Siliconix SIP32472 Datasheet HTML 9Page - Vishay Siliconix SIP32472 Datasheet HTML 10Page - Vishay Siliconix SIP32472 Datasheet HTML 11Page - Vishay Siliconix SIP32472 Datasheet HTML 12Page - Vishay Siliconix SIP32472 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SiP32472
www.vishay.com
Vishay Siliconix
S13-1349-Rev. B, 03-Jun-13
9
Document Number: 62512
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION
SiP32472 has a P-channel power MOSFET designed as a
high side load switch. It incorporates a negative charge
pump at the gate to keep the gate to source voltage high
when turned on therefore keep the on resistance low at
lower input voltage range. SiP32472 is designed with slow
slew rate to minimize the inrush current during turn on. This
device has a reverse blocking circuit to prevent the current
from going back to the input in case the output voltage is
higher than the input voltage. The SiP32472 has an output
pulldown resistor to discharge the output capacitance when
the device is off.
APPLICATION INFORMATION
Input Capacitor
While a bypass capacitor on the input is not required, a
4.7 μF or larger capacitor for CIN is recommended in almost
all applications. The bypass capacitor should be placed as
physically close as possible to the input pin to be effective
in minimizing transients on the input. Ceramic capacitors are
recommended over tantalum because of their ability to
withstand input current surges from low impedance sources
such as batteries in portable devices.
Output Capacitor
A 0.1 μF capacitor across VOUT and GND is recommended
to insure proper slew operation. There is inrush current
through the output MOSFET and the magnitude of the
inrush current depends on the output capacitor, the bigger
the COUT the higher the inrush current. There are no ESR or
capacitor type requirement.
Enable
The EN pin is compatible with CMOS logic voltage levels. It
requires at least 0.4 V or below to fully shut down the device
and 1 V or above to fully turn on the device. There is a
2.8 M
 resistor connected between EN pin and GND pin.
Protection Against Reverse Voltage Condition
This device contains a reverse blocking circuit to keep the
output current from flowing back to the input in case the
output voltage is higher than the input voltage.
Thermal Considerations
This device is designed to maintain a constant output load
current. Due to physical limitations of the layout and
assembly of the device the maximum switch current is 1.2 A
as stated in the Absolute Maximum Ratings table. However,
another limiting characteristic for the safe operating load
current is the thermal power dissipation of the package. To
obtain the highest power dissipation (and a thermal
resistance of 280 °C/W) the device should be connected to
a heat sink on the printed circuit board.
The maximum power dissipation in any application
is dependant on the maximum junction temperature,
TJ(max.) = 125 °C, the junction-to-ambient thermal
resistance,
J-A = 280 °C/W, and the ambient temperature,
TA, which may be formulaically expressed as:
It then follows that, assuming an ambient temperature of
70 °C, the maximum power dissipation will be limited to
about 196 mW.
So long as the load current is below the 1.2 A limit, the
maximum continuous switch current becomes a function
two things: the package power dissipation and the RDS(ON)
at the ambient temperature.
As an example let us calculate the worst case maximum
load current at TA = 70 °C. The worst case RDS(ON) at 25 °C
is 65 m
 at V
IN = 1.5 V. The RDS(ON) at 70 °C can be
extrapolated from this data using the following formula:
RDS(ON) (at 70 °C) = RDS(ON) (at 25 °C) x (1 + TC x T)
Where TC is 2820 ppm/°C. Continuing with the calculation
we have
RDS(ON) (at 70 °C) = 65 m x (1 + 0.00282 x (70 °C - 25 °C))
= 73.2 m
The maximum current limit is then determined by
which in this case is 1.6 A. Under the stated input voltage
condition, if the 1.6 A current limit is exceeded the internal
die temperature will rise and eventually, possibly damage
the device.
To avoid possible permanent damage to the device and
keep a reasonable design margin, it is recommended to
operate the device maximum up to 1.2 A only as listed in the
Absolute Maximum Ratings table.
280
125
(max.)
(max.)
A
A
J
A
J
T
T
T
P
-
=
-
=
-
θ
)
(
(max.)
(max.)
ON
DS
LOAD
R
P
I
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com