Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7533CD Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7533CD
Description  15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7533CD Datasheet(HTML) 1 Page - Exar Corporation

  MP7533CD Datasheet HTML 1Page - Exar Corporation MP7533CD Datasheet HTML 2Page - Exar Corporation MP7533CD Datasheet HTML 3Page - Exar Corporation MP7533CD Datasheet HTML 4Page - Exar Corporation MP7533CD Datasheet HTML 5Page - Exar Corporation MP7533CD Datasheet HTML 6Page - Exar Corporation MP7533CD Datasheet HTML 7Page - Exar Corporation MP7533CD Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP7533
1
Rev. 2.00
FEATURES
• 10-Bit Resolution
• Non-Linearity: 1/2 LSB to 2 LSB
• Nonlinearity Tempco: 0.2 ppm of FSR/°C, Max.
• Low Power Dissipation: 20 mW
• Current Settling Time: 500 ns
• Feedthrough Error: 1 mV p-p @ 10 kHz, Max.
• TTL/CMOS Compatible
• Latch-Up Free
• Improved Replacement for AD7533
15 V CMOS
Multiplying10-Bit
Digital-to-Analog Converter
BENEFITS
• Accurate Converter at Low Cost
• Can be used in Reverse Mode (Voltage Out)
• Flexible Design
APPLICATIONS
• Digital/Analog Multiplication
• Character Generation
• Programmable Power Supplies
• Gain Controlled Circuits
GENERAL DESCRIPTION
The MP7533 is a low cost, 10-bit multiplying Digital-to-Analog
Converter. This device uses EXAR’s patented advanced thin
film resistor and CMOS technologies, providing up to 10-bit ac-
curacies with TTL/CMOS compatibility.
Pin and functional equivalent to the industry standard
MP7520, the MP7533 is recommended as a lower cost alterna-
tive for old MP7520 sockets or new 10-bit DAC designs.
The MP7533 applications include: digital-to-analog multipli-
cation, CRT character generation, programmable power sup-
plies, digitally controlled gain circuits, etc.
SIMPLIFIED BLOCK DIAGRAM
4R
R
2R
2 to 3 Decoder
MSB
LSB
4R
4R
4R
4R
4R
4R
2R
2R
Switch Drivers & Switches
3 Segment D/A Converter with Termination to DGND
Logical “1” at Digital Input Steers Current to IOUT1
BIT 10
R = 10k
BIT 1
RFB
IOUT1
IOUT2
VREF
VDD


Similar Part No. - MP7533CD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MP75 PANDUIT-MP75 Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
MP75 PANDUIT-MP75 Datasheet
915Kb / 5P
PXE SERIES Mobile Printer Cost-Effective Network and Electrical Functionality
08/2022
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
MP7511DI ETC-MP7511DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
MP7512DI ETC-MP7512DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
More results

Similar Description - MP7533CD

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7542 EXAR-MP7542 Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Texas Instruments
THS1030 TI1-THS1030_13 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com