Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP41103 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP41103
Description  Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41103 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP41103 Datasheet HTML 1Page - Vishay Siliconix SIP41103 Datasheet HTML 2Page - Vishay Siliconix SIP41103 Datasheet HTML 3Page - Vishay Siliconix SIP41103 Datasheet HTML 4Page - Vishay Siliconix SIP41103 Datasheet HTML 5Page - Vishay Siliconix SIP41103 Datasheet HTML 6Page - Vishay Siliconix SIP41103 Datasheet HTML 7Page - Vishay Siliconix SIP41103 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 72718
S-
61692–Rev. E, 04-Sep-06
www.vishay.com
3
Vishay Siliconix
SiP41103
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (- 40° to 85 °C).
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at VCC = 5 V unless otherwise
noted.
c. Guaranteed by design.
Parameter
Symbol
Test Conditions Unless Specified
VDD = 5 V, VBOOT - VLX = 5 V, CLOAD = 3 nF
TA = - 40 to 85 °C
Limits
Unit
Mina
Typb
Maxa
MOSFET Drivers
High-Side Drive Currentc
IPKH(source)
0.9
A
IPKH(sink)
1.1
Low-Side Drive Currentc
IPKL(source)
0.8
IPKL(sink)
1.5
High-Side Driver Impedance
RDH(source)
2.5
3.8
Ω
RDH(sink)
2.2
3.3
Low-Side Driver Impedance
RDL(source)
3.4
5.1
RDL(sink)
1.4
2.1
High-Side Rise Time
trH
10 % - 90 %
32
40
ns
High-Side Fall Time
tfH
90 % - 10 %
36
45
High-Side Propagation Delayc
td(off)H
See Timing Waveforms
20
td(on)H
See Timing Waveforms
30
Low-Side Rise Time
trL
10 % - 90 %
45
55
Low-Side Fall Time
tfL
90 % - 10 %
20
30
Low-Side Propagation Delayc
td(off)L
See Timing Waveforms
30
td(on)L
See Timing Waveforms
30
LX Timer
LX Falling Timeoutc
tLX
420
ns
VDD Undervoltage Lockout
Threshold Rising
VUVLOR
4.3
4.5
V
Threshold Falling
VUVLOF
3.7
4.1
Hysteresis
0.4
Power on Reset Timec
2.5
ms
Thermal Shutdown
Temperature
TSD
Temperature Rising
165
°C
Hysteresis
TH
Temperature Falling
25
SPECIFICATIONSa



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com