Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7533SD Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7533SD
Description  15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7533SD Datasheet(HTML) 3 Page - Exar Corporation

  MP7533SD Datasheet HTML 1Page - Exar Corporation MP7533SD Datasheet HTML 2Page - Exar Corporation MP7533SD Datasheet HTML 3Page - Exar Corporation MP7533SD Datasheet HTML 4Page - Exar Corporation MP7533SD Datasheet HTML 5Page - Exar Corporation MP7533SD Datasheet HTML 6Page - Exar Corporation MP7533SD Datasheet HTML 7Page - Exar Corporation MP7533SD Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP7533
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
10
10
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
A, S, J
+2+2
B, T, K
+1+1
C, U, L
+1/2
+1/2
Differential Non-Linearity
DNL
LSB
A, S, J
+1+1
B, T, K
+1+1
C, U, L
+1+1
Gain Error
GE
+0.4
+1.5
+1.5
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+30
+50
+50
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
Output Leakage Current
IOUT
+50
+200
nA
REFERENCE INPUT
Input Resistance
RIN
5
10
20
5
20
k
Ω
DIGITAL INPUTS3
Logical “1” Voltage
VIH
3.0
2.4
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+1
µA
ANALOG OUTPUTS
Output Capacitance2
COUT1
52
pF
DAC Inputs all 1’s
COUT1
26
pF
DAC Inputs all 0’s
COUT2
13
pF
DAC Inputs all 1’s
COUT2
45
pF
DAC Inputs all 0’s
POWER SUPPLY4
Functional Voltage Range2
VDD
4.5
15
4.5
15
V
Supply Current
IDD
2
2
mA
All digital inputs = 0 or all = 5 V
Total Dissipation
20
mW
NOTES:
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested
3
Digital Input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
Specified values guarantee functionality. Refer to other parameters for accuracy.
Specifications are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com