Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7543JS Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7543JS
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543JS Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7543JS Datasheet HTML 2Page - Exar Corporation MP7543JS Datasheet HTML 3Page - Exar Corporation MP7543JS Datasheet HTML 4Page - Exar Corporation MP7543JS Datasheet HTML 5Page - Exar Corporation MP7543JS Datasheet HTML 6Page - Exar Corporation MP7543JS Datasheet HTML 7Page - Exar Corporation MP7543JS Datasheet HTML 8Page - Exar Corporation MP7543JS Datasheet HTML 9Page - Exar Corporation MP7543JS Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP7543
6
Rev. 2.00
TIMING DIAGRAM
tSRI
tSTB1
tSTB2
tSTB4
12
11
12
Bit 1
MSB
Bit 2
tDH1, tDH2, tDH4
Loading Register B
with Contents of Register A
LOADING REGISTER A
SR1
tDS1, tDS2, tDS4
Strobe Input
(STB1, STB2, STB4
(Note)
LD1 AND LD2
Note:
Strobe Waveform is Inverted if
STB3 is Used to Strobe Serial Data Bits
into Register A
Bit 11
Bit 12
LSB
tLD1
tLD2
tASB
MP7543 Logic Inputs
MP7543 Operation
Notes
Register A Control Inputs
Register B Control Inputs
STB4
STB3
STB2
STB1
CLR
LD2
LD1
0
0
0
1
X
X
X
1
1
1
X
0
X
X
0
0
0
X
X
1
X
0
0
0
X
X
X
1
X
X
X
X
0
1
1
1
X
X
X
X
X
1
X
0
X
X
X
X
X
X
1
0
Data appearing at SRI strobed into Register A
Data appearing at SRI strobed into Register A
Data appearing at SRI strobed into Register A
Data appearing at SRI strobed into Register A
2, 3
2, 3
2, 3
2, 3
No Operation (Register A)
3
Clear Register B to code 0000 0000 0000 (Asynchronous)
1, 3
No Operation (Register B)
Load Register B with the contents of Register A
3
3
NOTES
1.
CLR = 0 Asynchronously resets Register B to 0000 0000 0000, but has no effect on Register A.
2.
Serial data is loaded into Register A MSB first, on edges shown
is positive edge,
is negative edge.
3.
0 = Logic LOW, 1 = Logic HIGH, X = Don’t Care.
Table 1. Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com