Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-MKI158V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-MKI158V1
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI158V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI158V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI158V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI158V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI158V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MKI158V1
2/4
DocID027467 Rev 1
1
Schematic diagram
Figure 1: STEVAL-MKI158V1 circuit schematic
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
+
C2
10µF
C1
100nF
VDD
NC
2
NC
1
INT_2
3
Reserved
4
VDD
5
GND
6
Reserved
13
VDD_IO
14
SDO/SA0
15
SDI/SDO/SDA
16
NC
17
NC
18
U1
AIS3624DQ
INT_2
GND
INT_2
GND
INT_1
GND
SPC/SCL
CS
VDD_IO
VDD_IO
SDO/SA0
SDO/SA0
SDI/SDO/SDA
VDD
VDD
VDD
GND
SDI/SDO/SDA
GSPG0902151030SG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com