Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-PCC001V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-PCC001V1
Description  Full speed USB to serial bridge based on ST72F65
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC001V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-PCC001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Board schematic
STEVAL-PCC001V1
2/4
1
Board schematic
Figure 1.
Scheme
GND
VCC
GND
GND
VCC
GND
VCC
GND
VCC
GND
GND
GND
GND
VCC
VCC
GND
VCC
GND
GND
GND
VCC
GND
GND
VCC
VCC
GND
GND
GND
TX
RX
R10 10k
R10 10k
C18
0.1M
C18
0.1M
R8
4k7
R8
4k7
1
2
J6
JUMPER
J6
JUMPER
S1
S1
S2
S2
K1
USB1X90B
K1
USB1X90B
P1
DSUB9 - M
P1
DSUB9 - M
1
2
3
4
5
6
7
8
9
10
J5
CON_2x5A
J5
CON_2x5A
C8
100nF
C8
100nF
Vssf
7
USBDM
2
USBDP
3
USBVCC
4
Vddf
6
USBVSS
1
USBVdd
5
PE5(HS)/DTC
8
PE6(HS)/DTC
9
PE7(HS)/DTC
10
PB0/DTC
11
PB1/DTC
12
PB2/DTC
13
PB3/DTC
14
PB4/DTC
15
PB5/DTC
16
PC4
33
PC5
34
PC6
35
PC7
36
PD0
37
PD1
38
PD2
39
PD3
40
OCMP1/PD4
41
OSMP2/PD5
42
AIN2/PD6
43
AIN3/PD7
44
DTC/AIN4/(HS)PE0
45
DTC/AIN5/(HS)PE1
46
DTC/AIN6/(HS)PE2
47
DTC/AIN7/PWM0/PE3
48
U1
ST72651_TQFP64
U1
ST72651_TQFP64
+
C15
0.1M
+
C15
0.1M
U3
ST3222/TSSOP20
U3
ST3222/TSSOP20
C10
100nF
C10
100nF
C20
22pF
C20
22pF
C19
22pF
C19
22pF
C17
0.1M
C17
0.1M
J7
CON_1x8
J7
CON_1x8
CB3
Junction/On
ON
CB3
Junction/On
ON
1
2
3
4
5
6
7
8
J4
CON_1x8
J4
CON_1x8
R7
4k7
R7
4k7
D1
LED_POWER
D1
LED_POWER
C11
100nF
C11
100nF
R9
1M
R9
1M
R1
1k5
R1
1k5
1
2
J3
JUMPER
J3
JUMPER
R4
330
R4
330
CB1
Junction/On
ON
CB1
Junction/On
ON
Y2
12MHz
Y2
12MHz
D2
LED_TX
D2
LED_TX
+
C14
0.1M
+
C14
0.1M
R5
330
R5
330
C9
100nF
C9
100nF
CB2
Junction/On
ON
CB2
Junction/On
ON
+
C16
0.1M
+
C16
0.1M
D3
LED_RX
D3
LED_RX
C21
150nF
C21
150nF
R6
330
R6
330
C13
100nF
C13
100nF
Y1
CSTCW12M0
Y1
CSTCW12M0
R3
1M
R3
1M
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com