Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-PCC019V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-PCC019V1
Description  USB to I2C trimming interface board with embedded load for automatic power supply trimming based on the SEA01
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC019V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-PCC019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-PCC019V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID027093 Rev 1
3/11
STEVAL-PCC019V1
GUI features
11
2
GUI features
The main purpose of the associated GUI is to perform trimming operations for the SEA01 to
a desired setting point (both voltage and current limitation). Trimming parameters can be
read, and also changed, on the fly.
In addition, in a second step the GUI can also be used to manually verify the trimming
calibration by operating the supply in CC or CV mode, without any external instruments.
Figure 1. GUI main panel
Another interesting feature of the GUI is the embedded characteristic curve tracer.
This allows the display of the power supply behavior almost instantaneously by simply
pressing a button. Both CC and CV modes of operation are supported.
Figure 2. GUI curve tracer
Because on-board heatsink is relatively small, its temperature is also monitored to protect
the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com