Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI6N90K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI6N90K5
Description  N-channel 900 V, 0.91 Ω typ., 6 A MDmesh™K5 Power MOSFET in an I²PAK package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI6N90K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STI6N90K5 Datasheet HTML 1Page - STMicroelectronics STI6N90K5 Datasheet HTML 2Page - STMicroelectronics STI6N90K5 Datasheet HTML 3Page - STMicroelectronics STI6N90K5 Datasheet HTML 4Page - STMicroelectronics STI6N90K5 Datasheet HTML 5Page - STMicroelectronics STI6N90K5 Datasheet HTML 6Page - STMicroelectronics STI6N90K5 Datasheet HTML 7Page - STMicroelectronics STI6N90K5 Datasheet HTML 8Page - STMicroelectronics STI6N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STI6N90K5
4/12
DocID029949 Rev 1
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
900
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 900 V
1
µA
VGS = 0 V, VDS = 900 V
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDD = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 3 A
0.91
1.10
Ω
Notes:
(1) Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
342
-
pF
Coss
Output capacitance
-
31
-
pF
Crss
Reverse transfer capacitance
-
1.2
-
pF
Co(tr)(1)
Equivalent capacitance time
related
VDS = 0 to 720 V,
VGS = 0 V
-
55
-
pF
Co(er)(2)
Equivalent capacitance energy
related
-
20
-
pF
Rg
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
6.4
-
Ω
Qg
Total gate charge
VDD = 720 V, ID = 6 A
VGS= 10 V
(see Figure 15: "Test
circuit for gate charge
behavior")
-
11
-
nC
Qgs
Gate-source charge
-
2.5
-
nC
Qgd
Gate-drain charge
-
7
-
nC
Notes:
(1) Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to
80% VDSS.
(2) Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to
80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com