Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL140N6F7 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL140N6F7
Description  N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL140N6F7 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL140N6F7 Datasheet HTML 5Page - STMicroelectronics STL140N6F7 Datasheet HTML 6Page - STMicroelectronics STL140N6F7 Datasheet HTML 7Page - STMicroelectronics STL140N6F7 Datasheet HTML 8Page - STMicroelectronics STL140N6F7 Datasheet HTML 9Page - STMicroelectronics STL140N6F7 Datasheet HTML 10Page - STMicroelectronics STL140N6F7 Datasheet HTML 11Page - STMicroelectronics STL140N6F7 Datasheet HTML 12Page - STMicroelectronics STL140N6F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STL140N6F7
12/13
DocID025086 Rev 5
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
02-Aug-2013
1
First release.
18-Mar-2014
2
Updated VDS value in Table 2: Absolute maximum ratings and
Table 4: On /off states.
Updated Section 4: Package mechanical data.
Minor text changes.
09-Apr-2015
3
Text edits and formatting changes throughout document
On cover page:
-updated title description
-updated device 'Features' and 'Description'
Updated section 1 Electrical ratings
Updated section 2 Electrical characteristics
Added section 2.1 Electrical characteristics (curves)
Updated and renamed Section 4 Package information (was
Package mechanical data)
Updated and renamed Section 4.2 Packing information (was
Section 5 Packaging mechanical data)
19-May-2015
4
In section 2.1 Electrical characteristics (curves):
- Updated Figure 24: Capacitance variations
21-Apr-2017
5
Added EAS in Table 2: "Absolute maximum ratings"
Updated
Section 4.1: "PowerFLAT™ 5x6 type C package
information"
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com