Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD492 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MTD492
Description  Coaxial Transceiver Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD492 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MTD492 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MYSON
TECHNOLOGY
MTD492
MTD492 Revision 3.5 01/07/1997
3/8
RX+,RX-
O
3,6
4,12
Reception Data Output. A balanced differential output drives the
data
recovered from the network to the MCC. These outputs are also open
sources, and pull-down resistors of 510
Ω to VEE are required. These
pins are biased at -2V during idle time. When an extended period of
collision condition happens, the receiving path is disabled. Any
interruption of collision will re-enable the receiving path.
TXO
O
15
28
Transmission Output. Should be connected to the coaxial cable via
either one (Cheapernet) or 2 serial isolation diodes (Ethernet).
GND
10
17
Positive Supply Pin(Ground). Should be connected to the COAX
shield.
VEE
4,5,
13
5, 6, 7,
8, 9, 10,
11, 20,
21, 22,
23, 24,
25
Negative Power Supply. -9 Volts. A 0.1
µF decoupling capacitor
must be connected across GND and VEE as close to the device as
possible.
3.0 FUNCTIONAL DESCRIPTIONS
3.1. Transmission Path
The transmission data is input from TX+/- pins differentially. In general, this differential signal is coupled
through an AUI isolation transformer. In the MAU design, it is preferable that an equivalent 78 Ohm load be
placed across these 2 pins for proper loading for the signal source. Improper load termination may cause
excess undershoot at the end of the packet, which causes the dribble bit to be transmitted erroneously.
The transmission signal is first checked against the on-chip DC/AC squelch condition. If the signal is
greater than the squelch threshold (-175 to -300 mV) and the width is wider than 17 nsec, the squelch is
turned off. The squelch remains off until the DC squelch condition is not met or an end-of-packet IDL is
detected (at the end of the packet, data remains at 1 for longer than 175 nsec). Once IDL is detected,
MTD492 provides a 0.8 usec rejection window that prevents dribble bit transmission at the AUI interface.
When the squelch is off, the transmission path is enabled and data is fed into a waveform shaping circuit
followed by the transmission output buffer. The waveform shaping function controls the output rise/fall time
between 20nsec and 30 nsec, and minimizes the mismatch between the rise/fall time. MTD492 provides a
current source output that should be connected to the coaxial cable through at least one isolation diode.
When data is high, the output current is virtually zero (there is approximately less than 1mA output in this
state to maintain the linearity of the output buffer); when data is low, the output current peaks at around 80
mA. This provides an approximate 2V peak to peak swing on a 25 Ohm load. Due to the nature of
Manchester code, the average output DC current is half of the peak - 40 mA, i.e. 1V DC average on the
cable 25 Ohm load.
3.2. Reception Path
The signal on the coaxial cable is first buffered. The DC average of the signal is extracted by a low pass
filter. When the DC average exceeds the carrier sense threshold (Vcs), the reception data path is turned
on. The signal goes through a high pass filter for equalization of high frequency loss on the cable and then
is compared with its center value. The comparator output is amplified by the AUI driver to provide adequate
driving for the RX+/- output.
The end of the packet is determined by 2 conditions. If the received data is high longer than 175nsec or the
DC average does not meet the carrier sense threshold, the reception data path is turned off. MTD492 then
appends the IDL pulse to the end of the packet. A rejection window of 1 usec that blocks the data reception
path is also turned on.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com