Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8A/128-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8A/128-EVAL
Description  STM8A/128-EVAL evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8A/128-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM8A/128-EVAL Datasheet HTML 1Page - STMicroelectronics STM8A/128-EVAL Datasheet HTML 2Page - STMicroelectronics STM8A/128-EVAL Datasheet HTML 3Page - STMicroelectronics STM8A/128-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
September 2013
DocID17940 Rev 2
1/4
STM8A/128-EVAL
STM8A/128-EVAL evaluation board
Data brief
Features
• Two 5 V power supply options: power jack or
daughterboard
• Audio play and record
• 1 Gbyte or more micro SD Card™
• Both A and B type smartcard support
• 64 Kbit I2C EEPROM
• 2 channels of RS-232 communication
• IrDA transceiver
• 2 channels of LIN communication
• CAN2.0A/B compliant connection
• Inductor motor control connector
• SWIM and STice debug support
• 122x32 dot-matrix serial interface LCD module
• Joystick with 4-direction control and selector
• Reset, Wakeup, Tamper and User button
• 4LEDs
• Extension connector for daughterboard or
wrapping board
Description
The STM8AXX evaluation board STM8A/128-
EVAL is designed as a complete development
platform for the STM8 core-based STM8AXX
microcontroller with CAN2.0A/B compliant
interface, I2C, SPI, two UART channels with
smartcard, IrDA and LIN support, internal 2 Kbyte
data Flash and 128 Kbyte Flash program
memory, SWIM debugging support.
The full range of hardware features helps you to
evaluate all peripherals (including motor control,
CAN, micro SD Card, smartcard, UART, LIN,
IrDA) and develop your own applications.
Extension headers make it possible to easily
connect a daughterboard or wrapping board for
your specific application.
www.st.com


Similar Part No. - STM8A/128-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8A STMICROELECTRONICS-STM8A Datasheet
153Kb / 3P
STM8A/128-EVAL evaluation board
10-Sep-2010
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
STM8AF/P6346 STMICROELECTRONICS-STM8AF/P6346 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF/P6348 STMICROELECTRONICS-STM8AF/P6348 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF/P6366 STMICROELECTRONICS-STM8AF/P6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
More results

Similar Description - STM8A/128-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8A STMICROELECTRONICS-STM8A Datasheet
153Kb / 3P
STM8A/128-EVAL evaluation board
10-Sep-2010
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
STM8-EVAL STMICROELECTRONICS-STM8-EVAL Datasheet
138Kb / 3P
STM8/128-EVAL evaluation board
09-Aug-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com