| Electronic Components Datasheet Search |
|
STM32F303RB Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303RB Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 148 page ![]() Functional overview STM32F303xB STM32F303xC 26/148 DocID023353 Rev 13 3.20 Universal synchronous/asynchronous receiver transmitter (USART) The STM32F303xB/STM32F303xC devices have three embedded universal synchronous/asynchronous receiver transmitters (USART1, USART2 and USART3). The USART interfaces are able to communicate at speeds of up to 9 Mbits/s. They provide hardware management of the CTS and RTS signals, they support IrDA SIR ENDEC, the multiprocessor communication mode, the single-wire half-duplex communication mode and have LIN Master/Slave capability. The USART interfaces can be served by the DMA controller. 3.21 Universal asynchronous receiver transmitter (UART) The STM32F303xB/STM32F303xC devices have 2 embedded universal asynchronous receiver transmitters (UART4, and UART5). The UART interfaces support IrDA SIR ENDEC, multiprocessor communication mode and single-wire half-duplex communication mode. The UART4 interface can be served by the DMA controller. Refer to Table 8 for the features available in all U(S)ART interfaces. SMBus X X Wakeup from STOP X X 1. X = supported. Table 7. STM32F303xB/STM32F303xC I2C implementation (continued) I2C features(1) I2C1 I2C2 Table 8. USART features USART modes/features(1) USART1 USART2 USART3 UART4 UART5 Hardware flow control for modem X X X - - Continuous communication using DMA X X X X - Multiprocessor communication X X X X X Synchronous mode X X X - - Smartcard mode X X X - - Single-wire half-duplex communication X X X X X IrDA SIR ENDEC block X X X X X LIN mode X X X X X Dual clock domain and wakeup from Stop mode X X X X X Receiver timeout interrupt X X X X X Modbus communication X X X X X Auto baud rate detection X X X - - Driver Enable X X X - - 1. X = supported. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |