| Electronic Components Datasheet Search |
|
STM32F411CEU6U Datasheet(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CEU6U Datasheet(HTML) 98 Page - STMicroelectronics |
|
98 / 149 page ![]() Electrical characteristics STM32F411xC STM32F411xE 98/149 DocID026289 Rev 6 All I/Os are CMOS and TTL compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology or TTL parameters. The coverage of these requirements for FT and TC I/Os is shown in Figure 30. RPU Weak pull-up equivalent resistor(6) All pins except for PA10 (OTG_FS_ID) VIN = VSS 30 40 50 k Ω PA10 (OTG_FS_ID) -7 10 14 RPD Weak pull-down equivalent resistor(7) All pins except for PA10 (OTG_FS_ID) VIN = VDD 30 40 50 PA10 (OTG_FS_ID) -7 10 14 CIO(8) I/O pin capacitance - - 5 - pF 1. Guaranteed by test in production. 2. Guaranteed by design. 3. With a minimum of 200 mV. 4. Leakage could be higher than the maximum value, if negative current is injected on adjacent pins, Refer to Table 52: I/O current injection susceptibility 5. To sustain a voltage higher than VDD +0.3 V, the internal pull-up/pull-down resistors must be disabled. Leakage could be higher than the maximum value, if negative current is injected on adjacent pins.Refer to Table 52: I/O current injection susceptibility 6. Pull-up resistors are designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series resistance is minimum (~10% order). 7. Pull-down resistors are designed with a true resistance in series with a switchable NMOS. This NMOS contribution to the series resistance is minimum (~10% order). 8. Hysteresis voltage between Schmitt trigger switching levels. Guaranteed by characterization results. Table 53. I/O static characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |