Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP511 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP511
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP511 Datasheet HTML 1Page - ON Semiconductor NCP511 Datasheet HTML 2Page - ON Semiconductor NCP511 Datasheet HTML 3Page - ON Semiconductor NCP511 Datasheet HTML 4Page - ON Semiconductor NCP511 Datasheet HTML 5Page - ON Semiconductor NCP511 Datasheet HTML 6Page - ON Semiconductor NCP511 Datasheet HTML 7Page - ON Semiconductor NCP511 Datasheet HTML 8Page - ON Semiconductor NCP511 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP511
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive power supply input voltage.
2
GND
Power supply ground.
3
Enable
This input is used to place the device into low−power standby. When this input is pulled low, the device is
disabled. If this function is not used, Enable should be connected to Vin.
4
N/C
No internal connection.
5
Vout
Regulated output voltage.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
0 to 6.0
V
Enable Voltage
Enable
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Power Dissipation and Thermal Characteristics
Power Dissipation
Thermal Resistance, Junction to Ambient
PD
RqJA
Internally Limited
250
W
°C/W
Operating Junction Temperature
TJ
+125
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 200 V
2. Latch up capability (85
°C) "100 mA DC with trigger voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com