Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3530ECBCAMERCURY Datasheet(PDF) 1 Page - Texas Instruments

Part # 3530ECBCAMERCURY
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

3530ECBCAMERCURY Datasheet(HTML) 1 Page - Texas Instruments

  3530ECBCAMERCURY Datasheet HTML 1Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 2Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 3Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 4Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 5Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 6Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 7Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 8Page - Texas Instruments 3530ECBCAMERCURY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
OMAP3530 and OMAP3525 Applications Processors
Check for Samples: OMAP3530, OMAP3525
1
OMAP3530 and OMAP3525 Applications Processors
1.1
Features
12
•
Protected Mode Operation
• OMAP3530 and OMAP3525 Devices:
•
Exceptions Support for Error Detection
– OMAP™ 3 Architecture
and Program Redirection
– MPU Subsystem
•
Hardware Support for Modulo Loop
•
Up to 720-MHz ARM® Cortex™-A8 Core
Operation
•
NEON™ SIMD Coprocessor
• C64x+ L1 and L2 Memory Architecture
– High-Performance Image, Video, Audio
– 32KB of L1P Program RAM and Cache
(IVA2.2™) Accelerator Subsystem
(Direct Mapped)
•
Up to 520-MHz TMS320C64x+™ DSP Core
– 80KB of L1D Data RAM and Cache (2-Way
•
Enhanced Direct Memory Access (EDMA)
Set-Associative)
Controller (128 Independent Channels)
– 64KB of L2 Unified Mapped RAM and Cache
•
Video Hardware Accelerators
(4-Way Set-Associative)
– PowerVR® SGX™ Graphics Accelerator
– 32KB of L2 Shared SRAM and 16KB of L2
(OMAP3530 Device Only)
ROM
•
Tile-Based Architecture Delivering up to
• C64x+ Instruction Set Features
10 MPoly/sec
– Byte-Addressable (8-, 16-, 32-, and 64-Bit
•
Universal Scalable Shader Engine: Multi-
Data)
threaded Engine Incorporating Pixel and
– 8-Bit Overflow Protection
Vertex Shader Functionality
– Bit Field Extract, Set, Clear
•
Industry Standard API Support:
– Normalization, Saturation, Bit-Counting
OpenGLES 1.1 and 2.0, OpenVG1.0
– Compact 16-Bit Instructions
•
Fine-Grained Task Switching, Load
Balancing, and Power Management
– Additional Instructions to Support Complex
Multiplies
•
Programmable High-Quality Image Anti-
Aliasing
• ARM Cortex-A8 Core
– Fully Software-Compatible with C64x and
– ARMv7 Architecture
ARM9™
•
TrustZone®
– Commercial and Extended Temperature
•
Thumb®-2
Grades
•
MMU Enhancements
• Advanced Very-Long-Instruction-Word (VLIW)
– In-Order, Dual-Issue, Superscalar
TMS320C64x+ DSP Core
Microprocessor Core
– Eight Highly Independent Functional Units
– NEON Multimedia Architecture
•
Six ALUs (32- and 40-Bit), Each Supports
– Over 2x Performance of ARMv6 SIMD
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
– Supports Both Integer and Floating-Point
Arithmetic per Clock Cycle
SIMD
•
Two Multipliers Support Four 16 x 16-Bit
– Jazelle® RCT Execution Environment
Multiplies (32-Bit Results) per Clock
Architecture
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
– Dynamic Branch Prediction with Branch
Results) per Clock Cycle
Target Address Cache, Global History
– Load-Store Architecture with Nonaligned
Buffer, and 8-Entry Return Stack
Support
– Embedded Trace Macrocell (ETM) Support
– 64 32-Bit General-Purpose Registers
for Noninvasive Debug
– Instruction Packing Reduces Code Size
• ARM Cortex-A8 Memory Architecture:
– All Instructions Conditional
– 16-KB Instruction Cache (4-Way Set-
– Additional C64x+ Enhancements
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2008–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - 3530ECBCAMERCURY

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3530EN103J1 SEMTECH-3530EN103J1 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
3530EN103J10 SEMTECH-3530EN103J10 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
3530EN103J2 SEMTECH-3530EN103J2 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
3530EN103J3 SEMTECH-3530EN103J3 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
3530EN103J4 SEMTECH-3530EN103J4 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
More results

Similar Description - 3530ECBCAMERCURY

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
Multimedia Applications Processors
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
MX Family of applications processors
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
Multimedia Applications Processors
logo
Texas Instruments
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
Automotive Applications Processors Technical Brief
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com