Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV3525INECBB Datasheet(PDF) 89 Page - Texas Instruments

Part # TNETV3525INECBB
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV3525INECBB Datasheet(HTML) 89 Page - Texas Instruments

Back Button TNETV3525INECBB Datasheet HTML 85Page - Texas Instruments TNETV3525INECBB Datasheet HTML 86Page - Texas Instruments TNETV3525INECBB Datasheet HTML 87Page - Texas Instruments TNETV3525INECBB Datasheet HTML 88Page - Texas Instruments TNETV3525INECBB Datasheet HTML 89Page - Texas Instruments TNETV3525INECBB Datasheet HTML 90Page - Texas Instruments TNETV3525INECBB Datasheet HTML 91Page - Texas Instruments TNETV3525INECBB Datasheet HTML 92Page - Texas Instruments TNETV3525INECBB Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
A24
NA
C23
NA
A22
cam_hs
gpio_94
hw_dbg0
safe_mode
A23
NA
D23
NA
E18
cam_vs
gpio_95
hw_dbg1
safe_mode
C25
NA
C25
NA
B22
cam_xclka
gpio_96
safe_mode
C27
NA
C26
NA
J19
cam_pclk
gpio_97
hw_dbg2
safe_mode
C23
NA
B23
NA
H24
cam_fld
cam_global_r
gpio_98
hw_dbg3
safe_mode
eset
AG17
NA
AE16
NA
AB18
cam_d0
gpio_99
safe_mode
AH17
NA
AE15
NA
AC18
cam_d1
gpio_100
safe_mode
B24
NA
A24
NA
G19
cam_d2
gpio_101
hw_dbg4
safe_mode
C24
NA
B24
NA
F19
cam_d3
gpio_102
hw_dbg5
safe_mode
D24
NA
D24
NA
G20
cam_d4
gpio_103
hw_dbg6
safe_mode
A25
NA
C24
NA
B21
cam_d5
gpio_104
hw_dbg7
safe_mode
K28
NA
P25
NA
L24
cam_d6
gpio_105
safe_mode
L28
NA
P26
NA
K24
cam_d7
gpio_106
safe_mode
K27
NA
N25
NA
J23
cam_d8
gpio_107
safe_mode
L27
NA
N26
NA
K23
cam_d9
gpio_108
safe_mode
B25
NA
D25
NA
F21
cam_d10
gpio_109
hw_dbg8
safe_mode
C26
NA
E26
NA
G21
cam_d11
gpio_110
hw_dbg9
safe_mode
B26
NA
E25
NA
C22
cam_xclkb
gpio_111
safe_mode
B23
NA
A23
NA
F18
cam_wen
cam_shutter
gpio_167
hw_dbg10
safe_mode
D25
NA
D26
NA
J20
cam_strobe
gpio_126
hw_dbg11
safe_mode
AG19
NA
AD17
NA
NA
gpio_112
safe_mode
AH19
NA
AD16
NA
NA
gpio_113
safe_mode
AG18
NA
AE18
NA
NA
gpio_114
safe_mode
AH18
NA
AE17
NA
NA
gpio_115
safe_mode
P21
NA
U18
NA
V20
mcbsp2_fsx
gpio_116
safe_mode
N21
NA
R18
NA
T21
mcbsp2_clkx
gpio_117
safe_mode
R21
NA
T18
NA
V19
mcbsp2_dr
gpio_118
safe_mode
M21
NA
R19
NA
R20
mcbsp2_dx
gpio_119
safe_mode
N28
NA
N19
NA
M23
mmc1_clk
gpio_120
safe_mode
M27
NA
L18
NA
L23
mmc1_cmd
gpio_121
safe_mode
N27
NA
M19
NA
M22
mmc1_dat0
gpio_122
safe_mode
N26
NA
M18
NA
M21
mmc1_dat1
gpio_123
safe_mode
N25
NA
K18
NA
M20
mmc1_dat2
gpio_124
safe_mode
P28
NA
N20
NA
N23
mmc1_dat3
gpio_125
safe_mode
P27
NA
M20
NA
N22
mmc1_dat4
gpio_126
safe_mode
P26
NA
P17
NA
N21
mmc1_dat5
gpio_127
safe_mode
R27
NA
P18
NA
N20
mmc1_dat6
gpio_128
safe_mode
R25
NA
P19
NA
P24
mmc1_dat7
gpio_129
safe_mode
AE2
NA
W10
NA
Y1
mmc2_clk
mcspi3_clk
gpio_130
safe_mode
AG5
NA
R10
NA
AB5
mmc2_cmd
mcspi3_simo
gpio_131
safe_mode
AH5
NA
T10
NA
AB3
mmc2_dat0
mcspi3_somi
gpio_132
safe_mode
AH4
NA
T9
NA
Y3
mmc2_dat1
gpio_133
safe_mode
AG4
NA
U10
NA
W3
mmc2_dat2
mcspi3_cs1
gpio_134
safe_mode
AF4
NA
U9
NA
V3
mmc2_dat3
mcspi3_cs0
gpio_135
safe_mode
AE4
NA
V10
NA
AB2
mmc2_dat4
mmc2_dir_da
mmc3_dat0
gpio_136
safe_mode
t0
AH3
NA
M3
NA
AA2
mmc2_dat5
mmc2_dir_da cam_global_r mmc3_dat1
gpio_137
hsusb3_tll_st mm3_rxdp
safe_mode
t1
eset
p
AF3
NA
L3
NA
Y2
mmc2_dat6
mmc2_dir_c
cam_shutter
mmc3_dat2
gpio_138
hsusb3_tll_di
safe_mode
md
r
AE3
NA
K3
NA
AA1
mmc2_dat7
mmc2_clkin
mmc3_dat3
gpio_139
hsusb3_tll_n mm3_rxdm
safe_mode
xt
AF6
NA
P3
NA
V6
mcbsp3_dx
uart2_cts
gpio_140
hsusb3_tll_d
safe_mode
ata4
AE6
NA
N3
NA
V5
mcbsp3_dr
uart2_rts
gpio_141
hsusb3_tll_d
safe_mode
ata5
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
89
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com