Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV3525INECBB Datasheet(PDF) 105 Page - Texas Instruments

Part # TNETV3525INECBB
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV3525INECBB Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETV3525INECBB Datasheet HTML 101Page - Texas Instruments TNETV3525INECBB Datasheet HTML 102Page - Texas Instruments TNETV3525INECBB Datasheet HTML 103Page - Texas Instruments TNETV3525INECBB Datasheet HTML 104Page - Texas Instruments TNETV3525INECBB Datasheet HTML 105Page - Texas Instruments TNETV3525INECBB Datasheet HTML 106Page - Texas Instruments TNETV3525INECBB Datasheet HTML 107Page - Texas Instruments TNETV3525INECBB Datasheet HTML 108Page - Texas Instruments TNETV3525INECBB Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-17. Serial Communication Interfaces – USB Signals Description (continued)
SIGNAL NAME
DESCRIPTION
TYPE(1
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
)
(CBB Pkg.)
(CBC Pkg.)
(CUS Pkg.)
hsusb2_tll_stp
Dedicated for external transceiver Stop signal
I
AF7
AF6
AC9
hsusb2_tll_dir
Dedicated for external transceiver data direction control from
O
AG7
AE6
AC10
PHY
hsusb2_tll_nxt
Dedicated for external transceiver Next signal from PHY
O
AH7
AF7
AD11
hsusb2_tll_data0
Dedicated for external transceiver Bidirectional data bus
IO
AG8
AF9
AC11
hsusb2_tll_data1
Dedicated for external transceiver Bidirectional data bus
IO
AH8
AE9
AD12
hsusb2_tll_data2
Dedicated for external transceiver Bidirectional data bus
IO
AB2
T8
R5
hsusb2_tll_data3
Dedicated for external transceiver Bidirectional data bus
IO
V3
V9
M4
hsusb2_tll_data4
Dedicated for external transceiver Bidirectional data bus
IO
Y2
W8
N4
additional signals for 12-pin ULPI operation
hsusb2_tll_data5
Dedicated for external transceiver Bidirectional data bus
IO
Y3
U8
N3
additional signals for 12-pin ULPI operation
hsusb2_tll_data6
Dedicated for external transceiver Bidirectional data bus
IO
Y4
V8
M5
additional signals for 12-pin ULPI operation
hsusb2_tll_data7
Dedicated for external transceiver Bidirectional data bus
IO
AA3
W7
N5
additional signals for 12-pin ULPI operation
HSUSB1
hsusb1_clk
Dedicated for external transceiver 60-MHz clock input to PHY
O
AE10
AB3
AD3
hsusb1_stp
Dedicated for external transceiver Stop signal
O
AF10
AB2
AC1
hsusb1_dir
Dedicated for external transceiver data direction control from
I
AF9
AA4
AC4
PHY
hsusb1_nxt
Dedicated for external transceiver Next signal from PHY
I
AG9
V2
AD5
hsusb1_data0
Dedicated for external transceiver Bidirectional data bus
IO
AF11
AC3
AD6
hsusb1_data1
Dedicated for external transceiver Bidirectional data bus
IO
AG12
AD4
AC6
hsusb1_data2
Dedicated for external transceiver Bidirectional data bus
IO
AH12
AD3
AC7
hsusb1_data3
Dedicated for external transceiver Bidirectional data bus
IO
AH14
AD2
AD9
hsusb1_data4
Dedicated for external transceiver Bidirectional data bus
IO
AE11
Y3
AC5
additional signals for 12-pin ULPI operation
hsusb1_data5
Dedicated for external transceiver Bidirectional data bus
IO
AH9
AB1
AD2
additional signals for 12-pin ULPI operation
hsusb1_data6
Dedicated for external transceiver Bidirectional data bus
IO
AF13
AE3
AC8
additional signals for 12-pin ULPI operation
hsusb1_data7
Dedicated for external transceiver Bidirectional data bus
IO
AE13
AA3
AD8
additional signals for 12-pin ULPI operation
HSUSB1_TLL
hsusb1_tll_clk
Dedicated for external transceiver 60-MHz clock input to PHY
O
AE10
AB3
AD3
hsusb1_tll_stp
Dedicated for external transceiver Stop signal
I
AF10
AB2
AC1
hsusb1_tll_dir
Dedicated for external transceiver data direction control from
O
AF9
AA4
AC4
PHY
hsusb1_tll_nxt
Dedicated for external transceiver Next signal from PHY
O
AG9
V2
AD5
hsusb1_tll_data0
Dedicated for external transceiver Bidirectional data bus
IO
AF11
AC3
AD6
hsusb1_tll_data1
Dedicated for external transceiver Bidirectional data bus
IO
AG12
AD4
AC6
hsusb1_tll_data2
Dedicated for external transceiver Bidirectional data bus
IO
AH12
AD3
AC7
hsusb1_tll_data3
Dedicated for external transceiver Bidirectional data bus
IO
AH14
AD2
AD9
hsusb1_tll_data4
Dedicated for external transceiver Bidirectional data bus
IO
AE11
Y3
AC5
additional signals for 12-pin ULPI operation
hsusb1_tll_data5
Dedicated for external transceiver Bidirectional data bus
IO
AH9
AB1
AD2
additional signals for 12-pin ULPI operation
hsusb1_tll_data6
Dedicated for external transceiver Bidirectional data bus
IO
AF13
AE3
AC8
additional signals for 12-pin ULPI operation
hsusb1_tll_data7
Dedicated for external transceiver Bidirectional data bus
IO
AE13
AA3
AD8
additional signals for 12-pin ULPI operation
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
105
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com