Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F417IGH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F417IGH6
Description  Evaluation board with STM32F417IGH6 MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F417IGH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F417IGH6 Datasheet HTML 1Page - STMicroelectronics STM32F417IGH6 Datasheet HTML 2Page - STMicroelectronics STM32F417IGH6 Datasheet HTML 3Page - STMicroelectronics STM32F417IGH6 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
December 2016
DocID022234 Rev 2
1/4
STM3241G-EVAL
Evaluation board with STM32F417IGH6 MCU
Data brief
Features
• STM32F417IGH6 microcontroller
• 16-Mbit SRAM
• microSD™ memory-card slot (card provided)
• Boot from user Flash, system memory or
SRAM
• ISO/IEC 14443 smartcard Type-A and Type-B
support
• I2C-bus interface for compatible 64-Kbit
EEPROMs, ST MEMSs and I/O expanders
• IEEE 802.3-2002 compliant Ethernet
connector
• Two CAN-2.0 A/B channels on the same
D-subminiature connector
• RS-232 communications
• IrDA transceiver
(up to board version MB786 C-07)
• USB-OTG (HS and FS) ports with Micro-AB
connectors
• Induction-motor control connector
• I2S Audio DAC, stereo audio jack for headset
• 3.2" 240x320 TFT color LCD with touch screen
• 4 colored LEDs
• Camera module and extension connector for
ST-camera plug-in
• Joystick with 4-direction control and selector
• Reset, wakeup, tamper and user button
• RTC with backup battery
• Extension connector for daughterboard or
wire-wrap board
• JTAG, SW and trace debug support
• Embedded ST-LINK/V2
• Five options for 5-V power supply: power jack,
USB-FS connector, USB-HS connector, via
ST-LINK/V2 or daughterboard
1.
Picture is not contractual.
Description
The STM3241G-EVAL evaluation board is a
complete demonstration and development
platform for the STM32F417IGH6
high-performance 32-bit microcontroller with
ARM® Cortex®-M4F processor with a
cryptographic acceleration cell.
The full range of hardware features on the board
helps users to evaluate all the peripherals
(USB-OTG HS, USB-OTG FS, Ethernet,
motor-control, CAN, microSD™-card, smartcard,
USART, audio-DAC, RS-232, IrDA (up to board
MB786 C-07), SRAM, ST-MEMS, EEPROM and
others) and to develop applications.
The in-circuit ST-LINK/V2 tool can easily be used
for JTAG and SWD interface debugging and
programming.
www.st.com


Similar Part No. - STM32F417IGH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F417IG STMICROELECTRONICS-STM32F417IG Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F417IG STMICROELECTRONICS-STM32F417IG Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
More results

Similar Description - STM32F417IGH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
293Kb / 3P
Evaluation board for STM32 F0 series with STM32F072VB MCU
January 2014 Rev 1
STM32439I-EVAL STMICROELECTRONICS-STM32439I-EVAL Datasheet
258Kb / 3P
Evaluation board with STM32F439NI MCU
February 2015 Rev 2
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
Evaluation board with STM32F756NG MCU
April 2015 Rev 1
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
Evaluation board with STM32F091VC MCU
20-Jun-2016
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32F779I-EVAL STMICROELECTRONICS-STM32F779I-EVAL Datasheet
311Kb / 4P
Evaluation board with STM32F779NI MCU
20-Apr-2016
STM32G474E-EVAL STMICROELECTRONICS-STM32G474E-EVAL Datasheet
6Mb / 6P
Evaluation board with STM32G4xxQE MCU
29-Jan-2019
STM32L552E-EV STMICROELECTRONICS-STM32L552E-EV Datasheet
2Mb / 6P
Evaluation board with STM32L552ZE MCU
March 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com