Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM3242I-IAR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM3242I-IAR
Description  IAR IAR™ starter kit for STM32 F4 series - with STM32F429II MCU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3242I-IAR Datasheet(HTML) 1 Page - STMicroelectronics

  STM3242I-IAR Datasheet HTML 1Page - STMicroelectronics STM3242I-IAR Datasheet HTML 2Page - STMicroelectronics STM3242I-IAR Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
November 2013
DocID025601 Rev 1
1/3
STM3242I-SK/IAR
IAR™ starter kit for STM32 F4 series - with STM32F429II MCU
Data brief
Features
STM32F429 evaluation board features:
• MCU
– STM32F429II Cortex™-M4 CPU with FPU -
180 MHz, 2 MB Flash, 256K SRAM
• User interface
– 4 status LEDs
– Joystick
– Audio – microphone and headphone jack
– User buttons, reset button
– 4”3 touch screen color LCD
• Debug interface
– JTAG/SWD connector 20 pin 0.1”
– Trace connector 20 pin 0.05”
• Communication interface
– 2x USB connectors
– RS232 – DB9 connector
– Ethernet
– UXT connector
• Multiple power supply options
–JTAG/SWD (pin 19)
–USB
– external power jack
– Trace connector (pins 11 & 13)
• Power supply LED
• Others
–SD card slot
– SPI Flash memory
– Temperature snsor
– 3-axis accelerometer
• Buzzer
Description
The IAR KickStart Kit™ is a complete, cost-
effective solution for starting application
development and evaluating the
STMicroelectronics STM32 F4 series ARM
Cortex-M4 core-based microcontrollers.
It contains all the necessary hardware and
software and allows you to design, start to
develop, integrate and test your applications, right
out of the box:
• Evaluation board with STM32F429II MCU
• IAR Embedded Workbench® for ARM
evaluation editions
• IAR visualSTATE® evaluation edition
• J-Link-Lite debug probe
IAR KickStart kits are available for a full range of
ST ARM core-based microcontrollers.
www.st.com


Similar Part No. - STM3242I-IAR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3242IPRIM-D STMICROELECTRONICS-STM3242IPRIM-D Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STM3242IPRIMER STMICROELECTRONICS-STM3242IPRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
More results

Similar Description - STM3242I-IAR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
IAR?셲 complete, low cost starter kits for STR7 and STR9
04-Oct-2006
logo
Silicon Laboratories
AN236 SILABS-AN236 Datasheet
432Kb / 8P
INTEGRATING IAR 8051 TOOLS INTO THE SILICON LABORATORIES IDE
logo
STMicroelectronics
STM32-SK-IAR STMICROELECTRONICS-STM32-SK-IAR Datasheet
86Kb / 5P
IAR??starter kits for ST ARM core-based microcontrollers
18-Jun-2009
STM32L152-SK STMICROELECTRONICS-STM32L152-SK Datasheet
139Kb / 3P
IAR??starter kit for STM32L EnergyLite 32-bit microcontrollers
07-Jun-2011
STM3220G-SK STMICROELECTRONICS-STM3220G-SK Datasheet
602Kb / 4P
Keil??starter kit for STM32F2 series microcontrollers (STM32F207IG MCU)
11-May-2012
STM3240G-SK STMICROELECTRONICS-STM3240G-SK Datasheet
201Kb / 3P
IAR??starter kit for STM32F4 series 32-bit microcontrollers
24-Nov-2011
STM3210B-SK STMICROELECTRONICS-STM3210B-SK Datasheet
69Kb / 5P
IAR starter kits for ST ARM core-based microcontrollers
15-Mar-2011
STM32-EXPERIMENT STMICROELECTRONICS-STM32-EXPERIMENT Datasheet
162Kb / 3P
IAR Systems® Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
STM3240G-JAVA STMICROELECTRONICS-STM3240G-JAVA Datasheet
190Kb / 3P
STM32 F4 series Java evaluation kit
January 2013 Rev 2
STM3274G-SK STMICROELECTRONICS-STM3274G-SK Datasheet
515Kb / 4P
IARTM starter kit for STM32F7 Series with STM32F746IG MCU
September 2015 Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com