Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STYN1265 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STYN1265
Description  Thyristor Discretes (SCRs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN1265 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STYN1265 Datasheet HTML 1Page - Sirectifier Semiconductors STYN1265 Datasheet HTML 2Page - Sirectifier Semiconductors STYN1265 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STYN265 thru STYN1865
Thyristor Discretes (SCRs)
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
IT(AV)M
0
10
20
30
40
50
60
70
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
0.001
0.01
0.1
1
0
100
200
300
400
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
ITS M
IT
A
s
PT
W
IT(AV)M
A
Tamb
°C
t
s
ZthJC
K/W
V
A
1
2
3
4
5
6 7 8ms910
1000
I
2
t
A
2
s
Tcase
A
°C
500
2000
F ig. 8 T ransient thermal impedance junction to case
VT
F ig. 3 F orward characteristics
t
F ig. 4 S urge overload current
IT S M: crest value, t: duration
t
F ig. 5 I2t versus time (1-10 ms)
F ig. 6 P ower dissipation versus forward current and ambient temperature
F ig. 7 Max. forward current at case
temperature
TVJ = 125°C
TVJ = 45°C
50Hz, 80%VR R M
TVJ = 125°C
DC
180° sin
120°
60°
30°
R thK A :
0.1 K/W
0.5 K/W
1 K/W
2 K/W
4 K/W
10 K/W
TVJ = 45°C
DC
180° sin
120°
60°
30°
30°
60°
120°
180°
DC
VR = 0 V
TVJ = 25°C
TVJ = 125°C
R thJC for various conduction angles d:
d
R thJC (K/W)
DC
0.62
180
0.71
120
0.748
60
0.793
30
0.817
Constants for ZthJC calculation:
i
R thi (K/W)
ti (s)
1
0.206
0.013
2
0.362
0.118
3
0.052
1.488
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com