Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32072B-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32072B-EVAL
Description  Evaluation board for STM32 F0 series with STM32F072VB MCU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32072B-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32072B-EVAL Datasheet HTML 1Page - STMicroelectronics STM32072B-EVAL Datasheet HTML 2Page - STMicroelectronics STM32072B-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
January 2014
DocID025748 Rev 1
1/3
STM32072B-EVAL
Evaluation board for STM32 F0 series
with STM32F072VB MCU
Data brief
Features
• Four 5 V power supply options: power jack, ST-
LINK/V2 USB connector, user USB connector
or daughter board
• Stereo audio jack which supports a headset
with microphone connected to DAC and ADC
of STM32F072VBT6.
• 2G Byte (or more) SPI interface MicroSD card
• I2C compatible serial interface temperature
sensor
• RF E2PROM
• RS232 and RS485 communication
• IrDA transceiver
• IR LED and IR receiver
• SWD debug support, ST-LINK/V2 embedded
• 240x320 TFT color LCD connected to SPI
interface of STM32F072VBT6
• Joystick with 4-direction control and selector
• Reset and tamper buttons
• Four color user LEDs and two LEDs as MCU
low power alarm
• Extension connector for daughter board or
wrapping board
• MCU voltage choice fixed 3.3 V or adjustable
from 1.65 V to 3.6 V
• USB full-speed connector
• Touch sensing buttons
• RTC with backup battery
• CAN2.0A/B compliant connector
• Light Dependent Resistor (LDR)
• Potentiometer
• Two HDMI connectors with DDC and CEC
• Smart Card slot
• Motor control connector
Description
The STM32072B-EVAL evaluation board is
designed as complete demonstration and
development platform for STMicroelectronics
ARM cortex-M0 core-based STM32F072VBT6
microcontroller with two I2C, two SPI, four
USART, one CAN, 12-bit ADC, 12-bit DAC, two
GP comparators, internal 16KB SRAM and
128KB Flash, USB FS, Touch sensing, CEC,
SWD debugging support.
The full range of hardware features on the board
is designed for the evaluation of all the
peripherals and the development of user-specific
applications. Extension headers are used to
easily connect a daughter board or a wrapping
board for user-specific applications.
The ST-LINK/V2 is integrated on the board as
embedded in-circuit debugger and programmer
for the STM32 MCU.
www.st.com


Similar Part No. - STM32072B-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - STM32072B-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STM3241G-EVAL STMICROELECTRONICS-STM3241G-EVAL Datasheet
211Kb / 4P
Evaluation board with STM32F417IGH6 MCU
December 2016 Rev 2
STM32439I-EVAL STMICROELECTRONICS-STM32439I-EVAL Datasheet
258Kb / 3P
Evaluation board with STM32F439NI MCU
February 2015 Rev 2
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
Evaluation board with STM32F756NG MCU
April 2015 Rev 1
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
Evaluation board with STM32F091VC MCU
20-Jun-2016
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32F779I-EVAL STMICROELECTRONICS-STM32F779I-EVAL Datasheet
311Kb / 4P
Evaluation board with STM32F779NI MCU
20-Apr-2016
STM32L552E-EV STMICROELECTRONICS-STM32L552E-EV Datasheet
2Mb / 6P
Evaluation board with STM32L552ZE MCU
March 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com