Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSC800E Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800E
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800E Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button NSC800E Datasheet HTML 5Page - National Semiconductor (TI) NSC800E Datasheet HTML 6Page - National Semiconductor (TI) NSC800E Datasheet HTML 7Page - National Semiconductor (TI) NSC800E Datasheet HTML 8Page - National Semiconductor (TI) NSC800E Datasheet HTML 9Page - National Semiconductor (TI) NSC800E Datasheet HTML 10Page - National Semiconductor (TI) NSC800E Datasheet HTML 11Page - National Semiconductor (TI) NSC800E Datasheet HTML 12Page - National Semiconductor (TI) NSC800E Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
60 Pin Descriptions (Continued)
Status (SO S1)
Bus status outputs provide encoded infor-
mation regarding the current M cycle as follows
Machine Cycle
Status
Control
S0
S1
IOM
RD
WR
Opcode Fetch
1
1
0
0
1
Memory Read
0
1
0
0
1
Memory Write
1
0
0
1
0
IO Read
0
1
1
0
1
IO Write
1
0
1
1
0
Halt
00
0
0
1
Internal Operation
01
0
1
1
Acknowledge of Int
11
0
1
1
ALE is not suppressed in this cycle
This is the cycle that occurs immediately after the CPU accepts an inter-
rupt (RSTA RSTB RSTC INTR NMI)
Note 1
During halt CPU continues to do dummy opcode fetch from location
following the halt instruction with a halt status This is so CPU can continue
to do its dynamic RAM refresh
Note 2
No early status is provided for interrupt or hardware restarts
63 INPUTOUTPUT SIGNALS
Multiplexed AddressData AD(0 – 7)
Active high
At RD Time
Input data to CPU
At WR Time
Output data from CPU
At Falling Edge Least significant byte of address
of ALE Time
during memory reference cycle 8-bit
port address during IO reference
cycle
During BREQ
High impedance
BACK Cycle
70 Connection Diagrams
Dual-In-Line Package
Top View
TLC5171 – 10
Order Number NSC800D or N
See NS Package D40C or N40A
Chip Carrier Package
Top View
TLC5171 – 11
Order Number NSC800E or V
See NS Package E44B or V44A
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com