Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE16M31 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 19Page - STMicroelectronics STMPE16M31 Datasheet HTML 20Page - STMicroelectronics STMPE16M31 Datasheet HTML 21Page - STMicroelectronics STMPE16M31 Datasheet HTML 22Page - STMicroelectronics STMPE16M31 Datasheet HTML 23Page - STMicroelectronics STMPE16M31 Datasheet HTML 24Page - STMicroelectronics STMPE16M31 Datasheet HTML 25Page - STMicroelectronics STMPE16M31 Datasheet HTML 26Page - STMicroelectronics STMPE16M31 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
STMPE16M31, STMPE24M31
System controller
Doc ID 16174 Rev 4
23/85
SYSCON-1
General system control
Address:
0x03
Type:
R/W
Reset:
0x00
Description:
The general system control register (SYSCON-1) controls the operation state and
clock speed of the device.
76
543
210
RESERVED
RESERVED
RESERVED
CLKSPD
SLEEP_EN
Reserved
SOFT_RST
HIBRNT
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:5] RESERVED: Do not write to these bits. Reads ‘0’. Writing ‘1’ to these bits may result in
unpredictable behaviour.
[4] CLKSPD: Selects the macro engine’s speed.
0: 2 MHz
1: RESERVED
[3] SLEEP_EN: Enable or disable the sleep mode. Under all operating conditions, this bit should
be set to '0'.
1: Enable the touch sensor’s sleep mode
0: Disable the touch sensor’s sleep mode
[2] RESERVED: Do not write to these bits. Reads ‘0’.
[1] SOFT_RST: Soft reset.
1: To perform soft reset.
[0] HIBRNT: Hibernate.
1: To force the device to hibernate mode.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com