Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE24M31QTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STMPE24M31QTR
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31QTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STMPE24M31QTR Datasheet HTML 13Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 14Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 15Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 16Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 17Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 18Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 19Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 20Page - STMicroelectronics STMPE24M31QTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
STMPE16M31, STMPE24M31
General call address
Doc ID 16174 Rev 4
17/85
5
General call address
A general call address is a transaction with the slave address of 0x00 and R/W = 0. When a
general call address is made, the GPIO expander responds to this transaction with an
acknowledgement and behaves as a slave-receiver mode. The meaning of a general call
address is defined in the second byte sent by the master-transmitter.
Note:
All other second byte values will be ignored.
Note:
Please allow a gap of approximately 2 µs gap before the next I2C transaction after the
General Call of 0x04 or 0x06.
Table 7.
Definition of the second byte of the I2C transaction
R/W
Second byte
value
Definition
0
0x06
2-byte transaction in which the second byte tells the slave device to
perform a soft reset and write (or latch in) the 2-bit programmable part of
the slave address.
0
0x04
2-byte transaction in which the second byte tells the slave device not to
perform a soft reset and write (or latch in) the 2-bit programmable part of
the slave address.
0
0x00
Not allowed as second byte.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com