Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE321 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 7Page - STMicroelectronics STMPE321 Datasheet HTML 8Page - STMicroelectronics STMPE321 Datasheet HTML 9Page - STMicroelectronics STMPE321 Datasheet HTML 10Page - STMicroelectronics STMPE321 Datasheet HTML 11Page - STMicroelectronics STMPE321 Datasheet HTML 12Page - STMicroelectronics STMPE321 Datasheet HTML 13Page - STMicroelectronics STMPE321 Datasheet HTML 14Page - STMicroelectronics STMPE321 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
STMPE321
I2C interface
Doc ID 15791 Rev 3
11/40
Table 4.
Operation modes
Figure 6.
Read and write modes (random and sequential)
Mode
Byte
Programming sequence
Read
≥1
Start, Device address, R/W = 0, Register address to be read
Restart, Device address, R/W = 1, Data Read, STOP
If no Stop is issued, the Data Read can be continuously performed. If
the register address falls within the range that allows an address auto-
increment, then the register address auto-increments internally after
every byte of data being read. For those register addresses that fall
within a non-incremental address range, the address is kept static
throughout the entire write operations. Refer to the memory map table
for the address ranges that are auto and non-increment. An example
of such a non-increment address is FIFO.
Write
≥1
Start, Device address, R/W = 0, Register address to be written, Data
Write, Stop
If no Stop is issued, the Data Write can be continuously performed. If
the register address falls within the range that allows address auto-
increment, then the register address auto-increments internally after
every byte of data being written in. For those register addresses that
fall within a non-incremental address range, the address is kept static
throughout the entire write operations. Refer to the memory map table
for the address ranges that are auto and non-increment.
Device
Address
Reg
Address
Device
Address
Data
Read
One byte
Read
Device
Address
Reg
Address
Device
Address
Data
Read
More than one byte
Read
Data
Read + 1
Data
Read + 2
Device
Address
Reg
Address
Data
to be
written
One byte
Write
More than one byte
Read
Device
Address
Reg
Address
Data to
Write
Data to
Write + 2
Data to
Write + 1
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com