Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP6N90K5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP6N90K5
Description  N-channel 900 V, 0.91 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N90K5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP6N90K5 Datasheet HTML 5Page - STMicroelectronics STP6N90K5 Datasheet HTML 6Page - STMicroelectronics STP6N90K5 Datasheet HTML 7Page - STMicroelectronics STP6N90K5 Datasheet HTML 8Page - STMicroelectronics STP6N90K5 Datasheet HTML 9Page - STMicroelectronics STP6N90K5 Datasheet HTML 10Page - STMicroelectronics STP6N90K5 Datasheet HTML 11Page - STMicroelectronics STP6N90K5 Datasheet HTML 12Page - STMicroelectronics STP6N90K5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STP6N90K5
10/13
DocID029946 Rev 1
4.1
TO-220 type A package information
Figure 20: TO-220 type A package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com