Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP7N90K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7N90K5
Description  N-channel 900 V, 0.72 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7N90K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP7N90K5 Datasheet HTML 1Page - STMicroelectronics STP7N90K5 Datasheet HTML 2Page - STMicroelectronics STP7N90K5 Datasheet HTML 3Page - STMicroelectronics STP7N90K5 Datasheet HTML 4Page - STMicroelectronics STP7N90K5 Datasheet HTML 5Page - STMicroelectronics STP7N90K5 Datasheet HTML 6Page - STMicroelectronics STP7N90K5 Datasheet HTML 7Page - STMicroelectronics STP7N90K5 Datasheet HTML 8Page - STMicroelectronics STP7N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2016
DocID029826 Rev 1
1/13
This is information on a product in full production.
www.st.com
STP7N90K5
N-channel 900 V, 0.72
Ω typ., 7 A MDmesh™ K5
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP7N90K5
900 V
0.81 Ω
7 A
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP7N90K5
7N90K5
TO-220
Tube


Similar Part No. - STP7N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7N95K3 STMICROELECTRONICS-STP7N95K3 Datasheet
943Kb / 15P
N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
27-Jan-2009
logo
Inchange Semiconductor ...
STP7N95K3 ISC-STP7N95K3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP7N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF7N90K5 STMICROELECTRONICS-STF7N90K5 Datasheet
712Kb / 13P
N-channel 900 V, 0.72 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a TO-220FP package
17-Oct-2016
STP4N90K5 STMICROELECTRONICS-STP4N90K5 Datasheet
742Kb / 13P
N-channel 900 V, 1.90 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
November 2016 Rev 1
STP6N90K5 STMICROELECTRONICS-STP6N90K5 Datasheet
733Kb / 13P
N-channel 900 V, 0.91 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a TO-220 package
November 2016 Rev 1
STP8N90K5 STMICROELECTRONICS-STP8N90K5 Datasheet
707Kb / 13P
N-channel 900 V, 0.60 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a TO-220 package
28-Nov-2016
STP20N90K5 STMICROELECTRONICS-STP20N90K5 Datasheet
695Kb / 13P
N-channel 900 V, 0.21 Ω typ., 20 A MDmesh™ K5 Power MOSFET in a TO-220 package
24-Jan-2017
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STP8N120K5 STMICROELECTRONICS-STP8N120K5 Datasheet
278Kb / 13P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-220 package
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com