Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2H100ZFY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2H100ZFY
Description  Automotive high voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100ZFY Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2H100ZFY Datasheet HTML 1Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 2Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 3Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 4Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 5Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 6Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 7Page - STMicroelectronics STPS2H100ZFY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS2H100ZFY
2/8
DocID029482 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
Tj = -40 °C to +175 °C
100
V
IF(AV)
Average forward current
δ = 0.5, square wave
TL = 140 °C
2
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
105
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range(1)
-40 to +175
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-l)
Junction to lead
20
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
1
µA
Tj = 125 °C
-
0.2
0.5
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 2 A
-
0.86
V
Tj = 125 °C
-
0.65
0.70
Tj = 25 °C
F
= 4 A
-
0.96
Tj = 125 °C
-
0.75
0.83
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.57 x IF(AV) + 0.065 x IF2(RMS)
For more information, please refer to the following application notes related to the power
losses.
AN604 (Calculation of conduction losses in a power rectifier)
AN4021 (Calculation of reverse losses in a power diode)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com