Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H12C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC10H12C
Description  1200 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12C Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC10H12C Datasheet HTML 1Page - STMicroelectronics STPSC10H12C Datasheet HTML 2Page - STMicroelectronics STPSC10H12C Datasheet HTML 3Page - STMicroelectronics STPSC10H12C Datasheet HTML 4Page - STMicroelectronics STPSC10H12C Datasheet HTML 5Page - STMicroelectronics STPSC10H12C Datasheet HTML 6Page - STMicroelectronics STPSC10H12C Datasheet HTML 7Page - STMicroelectronics STPSC10H12C Datasheet HTML 8Page - STMicroelectronics STPSC10H12C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPSC10H12C
Characteristics
DocID030345 Rev 1
5/10
Figure 7: Total capacitive charges versus reverse
voltage applied (typical values, per diode)
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
600
700
800
VR(V)
Qcj(nC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com