Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H12CWL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC10H12CWL
Description  1200 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12CWL Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC10H12CWL Datasheet HTML 1Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 2Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 3Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 4Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 5Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 6Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 7Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 8Page - STMicroelectronics STPSC10H12CWL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPSC10H12C
2/10
DocID030345 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 °C to +175 °C)
1200
V
IF(RMS)
Forward rms current
20
A
IF(AV)
Average forward
current
TC = 160 °C, DC current
Per diode/per
device
5/10
A
TC = 135 °C, DC current
9/18
TC = 25 °C, DC current
19/38
IFRM
Repetitive peak
forward current
TC = 160 °C, Tj
= 175 °C, δ = 0.1
19
A
IFSM
Surge non
repetitive forward
current
tp = 10 ms sinusoidal
TC = 25 °C
35
A
TC = 150 °C
30
tp = 10 µs square
TC = 25 °C
210
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
Table 3: Thermal resistance parameters
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c)
Junction to case
Per diode
1.0
1.4
°C/W
Per device
0.5
0.7
Table 4: Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
2.5
30
µA
Tj = 150 °C
-
15
200
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
1.35
1.50
V
Tj = 150 °C
-
1.75
2.25
Notes:
(1)Pulse test: tp = 10 ms, δ < 2%
(2)Pulse test: tp = 500 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 1.08 x IF(AV) + 0.233 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com