Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H12-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC10H12-Y
Description  Automotive grade 1200 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC10H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPSC10H12-Y
Characteristics
DocID029346 Rev 2
3/10
1.1
Characteristics (curves)
Figure 1: Forward voltage drop versus forward
current (typical values)
Figure 2: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 3: Peak forward current versus case
temperature
Figure 4: Junction capacitance versus reverse
voltage applied (typical values)
Figure 5: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 6: Non- repetitive peak surge forward
current versus pulse duration
(sinusoidal waveform)
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF(V)
T
a = 150 °C
Pulse test : tp = 500 µs
T
a = 25 °C
T
a = -40 °C
IF(A)
IR(µA)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
VR(V)
Tj = 150 °C
Tj = 25 °C
0
20
40
60
80
100
0
25
50
75
100
125
150
175
IM(A)
δ = 0.1
δ = 0.3
δ = 1
δ = 0.7
T
C(°C)
δ = 0.5
T
δ = tp/T
tp
Cj(pF)
0
100
200
300
400
500
600
700
0.1
1.0
10.0
100.0
1000.0
10000.0
V
R(V)
F = 1 MHz
V
osc= 30 mVRMS
T
j
= 25 °C
Zth(j-c) / Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
IFSM(A)
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
Ta = 150 °C
Ta = 25 °C
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com