Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC15H12-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC15H12-Y
Description  Robust high voltage periphery
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC15H12-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC15H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPSC15H12-Y
Package information
DocID029723 Rev 1
5/8
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Cooling method: by conduction (C)
Epoxy meets UL 94,V0
Recommended torque value: 0.55 N·m
Maximum torque value: 0.7 N·m
2.1
TO-220AC package information
Figure 8: TO-220AC package outline



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com