Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC20H12C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20H12C
Description  No or negligible reverse recovery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12C Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20H12C Datasheet HTML 1Page - STMicroelectronics STPSC20H12C Datasheet HTML 2Page - STMicroelectronics STPSC20H12C Datasheet HTML 3Page - STMicroelectronics STPSC20H12C Datasheet HTML 4Page - STMicroelectronics STPSC20H12C Datasheet HTML 5Page - STMicroelectronics STPSC20H12C Datasheet HTML 6Page - STMicroelectronics STPSC20H12C Datasheet HTML 7Page - STMicroelectronics STPSC20H12C Datasheet HTML 8Page - STMicroelectronics STPSC20H12C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2017
DocID030344 Rev 1
1/10
This is information on a product in full production.
www.st.com
STPSC20H12C
1200 V power Schottky silicon carbide diode
Datasheet - production data
Features
No or negligible reverse recovery
Switching behavior independent of
temperature
Robust high voltage periphery
Operating Tj from -40 °C to 175 °C
ECOPACK®2 compliant
Description
The SiC diode, available in TO-247 LL, is an
ultrahigh performance power Schottky rectifier. It
is manufactured using a silicon carbide substrate.
The wide band-gap material allows the design of
a low VF Schottky diode structure with a 1200 V
rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns
are negligible. The minimal capacitive turn-off
behavior is independent of temperature.
Especially suited for use in PFC and secondary
side applications, this ST SiC diode will boost the
performance in hard switching conditions. This
rectifier will enhance the performance of the
targeted application. Its high forward surge
capability ensures a good robustness during
transient phases.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
K
A1
A2
TO-247 LL
K
A2
A1


Similar Part No. - STPSC20H12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
More results

Similar Description - STPSC20H12C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDB20S30 INFINEON-SDB20S30_07 Datasheet
1Mb / 8P
Silicon Carbide Schottky Diode Switching behavior benchmark No reverse recovery
Rev. 1.2 2007-03-27
logo
Sangdest Microelectroni...
BAT54 SMC-BAT54 Datasheet
221Kb / 5P
Negligible switching losses
logo
STMicroelectronics
BAT30F4 STMICROELECTRONICS-BAT30F4 Datasheet
175Kb / 10P
Negligible switching losses
26-Feb-2016
BYW80F STMICROELECTRONICS-BYW80F Datasheet
361Kb / 7P
Negligible switching losses
Jan-2002
STTH110-Y STMICROELECTRONICS-STTH110-Y Datasheet
222Kb / 7P
Negligible switching losses
05-Feb-2014
STTH208-Y STMICROELECTRONICS-STTH208-Y Datasheet
221Kb / 7P
Negligible switching losses
04-Feb-2014
logo
Littelfuse
LSIC2SD120A05 LITTELFUSE-LSIC2SD120A05 Datasheet
872Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120A10 LITTELFUSE-LSIC2SD120A10 Datasheet
879Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120C05 LITTELFUSE-LSIC2SD120C05 Datasheet
716Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120C10 LITTELFUSE-LSIC2SD120C10 Datasheet
729Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com