Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC30H12C Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC30H12C
Description  Robust high voltage periphery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC30H12C Datasheet(HTML) 7 Page - STMicroelectronics

  STPSC30H12C Datasheet HTML 1Page - STMicroelectronics STPSC30H12C Datasheet HTML 2Page - STMicroelectronics STPSC30H12C Datasheet HTML 3Page - STMicroelectronics STPSC30H12C Datasheet HTML 4Page - STMicroelectronics STPSC30H12C Datasheet HTML 5Page - STMicroelectronics STPSC30H12C Datasheet HTML 6Page - STMicroelectronics STPSC30H12C Datasheet HTML 7Page - STMicroelectronics STPSC30H12C Datasheet HTML 8Page - STMicroelectronics STPSC30H12C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STPSC30H12C
Package information
DocID030339 Rev 1
7/9
Table 6: TO-247 long leads package mechanical data
Dim.
mm.
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.90
5.15
0.192
0.202
D
1.85
2.10
0.072
0.082
E
0.55
0.67
0.021
0.026
F
1.07
1.32
0.042
0.051
F1
1.90
2.38
0.074
0.093
F2
2.87
3.38
0.110
0.133
G
10.90 BSC
0.429 BSC
H
15.77
16.02
0.620
0.630
L
20.82
21.07
0.810
0.820
L1
4.16
4.47
0.163
0.175
L2
5.49
5.74
0.216
0.225
L3
20.05
20.30
0.789
0.799
L4
3.68
3.93
0.144
0.154
L5
6.04
6.29
0.237
0.247
M
2.25
2.55
0.088
0.100
V
10°
10°
V1
3°
3°
V3
20°
20°
DIA
3.55
3.66
0.139
0.143



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com