Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPTIC-15G2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPTIC-15G2
Description  High linearity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-15G2 Datasheet(HTML) 3 Page - STMicroelectronics

  STPTIC-15G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-15G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID027951 Rev 2
3/11
STPTIC-15G2
Electrical characteristics
11
Table 3. Representative performance (Tamb = 25 °C otherwise specified)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
C1V
capacitor at 1 V bias
STPTIC-15G2
1.58
1.8
2.02
pF
C2V
capacitor at 2 V bias
STPTIC-15G2
1.5
pF
C24V
capacitor at 24 V bias
STPTIC-15G2
0.29 0.32 0.35
pF
ΔC
Tuning range
Ratio between C1V/C24V(1)
5/1
IL
Leakage current
Measured with Vbias = 24 V
100
nA
QLB
Quality factor
Measured at 700 MHz at 2 V
55
65
QHB
Quality factor
Measured at 2700 MHz at 2 V
35
50
IP3
Third order intercept point
Vbias = 1 V(2)(4)
52
60
dBm
Vbias = 24 V(2)(4)
75
H2
Second harmonic
Vbias = 1 V(3)(4)
-65
-45
dBm
Vbias = 24 V
(3)(4)
-75
H3
Third harmonic
Vbias = 1 V
(3)(4)
-35
-30
dBm
Vbias = 24 V(3)(4)
-65
tT
Transition time
Average for any transition between Cmin to Cmax(5)
40
µs
Average transition between Cmax to Cmin
(5)
20
1. Measured at low frequency
2. F1 = 894 MHz, F2 = 849 MHz, P1 = +25 dBm, P2 = +25 dBm, 2f1 - f2 = 939 MHz
3. 850 MHz, Pin = +34 dBm
4. IP3 and harmonics are measured in the shunt configuration in a 50
Ω environment
5. One or both of RFin and RFout must be connected to DC ground, using the HVDAC turbo mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com