Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSC800V Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800V
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 15Page - National Semiconductor (TI) NSC800V Datasheet HTML 16Page - National Semiconductor (TI) NSC800V Datasheet HTML 17Page - National Semiconductor (TI) NSC800V Datasheet HTML 18Page - National Semiconductor (TI) NSC800V Datasheet HTML 19Page - National Semiconductor (TI) NSC800V Datasheet HTML 20Page - National Semiconductor (TI) NSC800V Datasheet HTML 21Page - National Semiconductor (TI) NSC800V Datasheet HTML 22Page - National Semiconductor (TI) NSC800V Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
90 Timing and Control (Continued)
93 INITIALIZATION
RESET IN initializes the NSC800 RESET OUT initializes the
peripheral components The Schmitt trigger at the RESET
IN input facilitates using an R-C network reset scheme dur-
ing power up (see
Figure 12 )
To ensure proper power-up conditions for the NSC800 the
following power-up and initialization procedure is recom-
mended
1 Apply power (VCC and GND) and set RESET IN active
(low) Allow sufficient time (approximately 30 ms if a crys-
tal is used) for the oscillator and internal clocks to stabi-
lize RESET IN must remain low for at least 3t state (CLK)
times RESET OUT goes high as soon as the active
RESET IN signal is clocked into the first flip-flop after the
on-chip Schmitt trigger RESET OUT signal is available to
reset the peripherals
2 Set RESET IN high RESET OUT then goes low as the
inactive RESET IN signal is clocked into the first flip-flop
after the on-chip Schmitt trigger Following this the CPU
initiates the first opcode fetch cycle
Note
The NSC800 initialization includes
Clear PC to
X’0000 (the first opcode fetch therefore is from memory
location X’0000) Clear registers I (Interrupt Vector Base)
and R (Refresh Counter) to X’00 Clear interrupt control reg-
ister bits IEA IEB and IEC The interrupt control bit IEI is set
to 1 to maintain INS8080AZ80A compatibility (see INTER-
RUPTS for more details) The CPU disables maskable inter-
rupts and enters INTR Mode 0 While RESET IN is active
(low) the A(8 – 15) and AD(0 – 7) lines go to high impedance
(TRI-STATE) and all CPU strobes go to the inactive state
(see
Figure 13 )
TLC5171 – 21
FIGURE 12 Power-On Reset
94 POWER-SAVE FEATURE
The NSC800 provides a unique power-save mode by the
means of the PS pin PS input is sampled at the last t state
of the last M cycle of an instruction After recognizing an
active (low) level on PS The NSC800 stops its internal
clocks thereby reducing its power dissipation to one half of
operating power yet maintaining all register values and in-
ternal control status The NSC800 keeps its oscillator run-
ning and makes the CLK signal available to the system
When in power-save the ALE strobe will be stopped high
and the address lines AD(0 – 7) A(8 – 15) will indicate the
next machine address When PS returns high the opcode
fetch (or M1 cycle) of the CPU begins in a normal manner
Note this M1 cycle could also be an interrupt acknowledge
cycle if the NSC800 was interrupted simultaneously with PS
(ie PS has priority over a simultaneously occurring inter-
rupt) However interrupts are not accepted during power
save
Figure 14 illustrates the power save timing
TLC5171 – 74
FIGURE 13 NSC800 Signals During Power-On and Manual Reset
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com