Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9534 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 9534
Description  8-bit I2C and SMBus, low power I/O port with interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9534 Datasheet(HTML) 2 Page - NXP Semiconductors

  9534 Datasheet HTML 1Page - NXP Semiconductors 9534 Datasheet HTML 2Page - NXP Semiconductors 9534 Datasheet HTML 3Page - NXP Semiconductors 9534 Datasheet HTML 4Page - NXP Semiconductors 9534 Datasheet HTML 5Page - NXP Semiconductors 9534 Datasheet HTML 6Page - NXP Semiconductors 9534 Datasheet HTML 7Page - NXP Semiconductors 9534 Datasheet HTML 8Page - NXP Semiconductors 9534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9534
8-bit I2C and SMBus low power I/O port with interrupt
2
2004 Sep 30
FEATURES
8-bit I2C GPIO
Operating power supply voltage range of 2.3 V to 5.5 V
5 V tolerant I/Os
Polarity inversion register
Active low interrupt output
Low stand-by current
Noise filter on SCL/SDA inputs
No glitch on power-up
Internal power-on reset
8 I/O pins which default to 8 inputs
0 kHz to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
Offered in three different packages: SO16, TSSOP16, and
HVQFN16
DESCRIPTION
The PCA9534 is a16-pin CMOS device that provide 8 bits of
General Purpose parallel Input/Output (GPIO) expansion for
I2C/SMBus applications and was developed to enhance the Philips
family of I2C I/O expanders. The improvements include higher drive
capability, 5V I/O tolerance, lower supply current, individual I/O
configuration, 400 kHz clock frequency, and smaller packaging. I/O
expanders provide a simple solution when additional I/O is needed
for ACPI power switches, sensors, pushbuttons, LEDs, fans, etc.
The PCA9534 consist of an 8-bit Configuration register (Input or
Output selection); 8-bit Input register, 8-bit Output register and an
8-bit Polarity inversion register (Active HIGH or Active LOW
operation). The system master can enable the I/Os as either inputs
or outputs by writing to the I/O configuration bits. The data for each
Input or Output is kept in the corresponding Input or Output register.
The polarity of the input port register can be inverted with the
Polarity Inversion Register. All registers can be read by the system
master. Although pin-to-pin and I2C address compatible with the
PCF8574 series, software changes are required due to the
enhancements and are discussed in
Application Note AN469.
The PCA9534 is identical to the PCA9554 except for the removal of
the internal I/O pull-up resistor which greatly reduces power
consumption when the I/Os are held LOW.
The PCA9534 open-drain interrupt output is activated when any
input state differs from its corresponding input port register state and
is used to indicate to the system master that an input state has
changed. The power-on reset sets the registers to their default
values and initializes the device state machine.
Three hardware pins (A0, A1, A2) vary the fixed I2C address and
allow up to eight devices to share the same I2C/SMBus.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
16-Pin Plastic SO (wide)
–40
°C to +85 °C
PCA9534D
PCA9534D
SOT162-1
16-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9534PW
PCA9534
SOT403-1
16-Pin Plastic HVQFN
–40
°C to +85 °C
PCA9534BS
9534
SOT629-1
Standard packing quantities and other packing data are available at www.standardproducts.philips.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com