Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8N90K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW8N90K5
Description  Switching applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8N90K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STW8N90K5 Datasheet HTML 1Page - STMicroelectronics STW8N90K5 Datasheet HTML 2Page - STMicroelectronics STW8N90K5 Datasheet HTML 3Page - STMicroelectronics STW8N90K5 Datasheet HTML 4Page - STMicroelectronics STW8N90K5 Datasheet HTML 5Page - STMicroelectronics STW8N90K5 Datasheet HTML 6Page - STMicroelectronics STW8N90K5 Datasheet HTML 7Page - STMicroelectronics STW8N90K5 Datasheet HTML 8Page - STMicroelectronics STW8N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STW8N90K5
Electrical characteristics
DocID030092 Rev 1
5/12
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD= 450 V, ID = 4 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 14: "Test circuit for
resistive load switching times"
and Figure 19: "Switching time
waveform")
-
14.7
-
ns
tr
Rise time
-
13.2
-
ns
td(off)
Turn-off delay time
-
36.4
-
ns
tf
Fall time
-
13.5
-
ns
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
8
A
ISDM(1)
Source-drain current
(pulsed)
-
32
A
VSD(2)
Forward on voltage
ISD = 8 A, VGS = 0 V
-
1.5
V
trr
Reverse recovery time
ISD = 8 A, di/dt = 100 A/µs,
VDD = 60 V
(see Figure 16: "Test circuit for
inductive load switching and
diode recovery times")
-
371
ns
Qrr
Reverse recovery charge
-
4.27
µC
IRRM
Reverse recovery current
-
23
A
trr
Reverse recovery time
ISD = 8 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 16: "Test circuit for
inductive load switching and
diode recovery times")
-
582
ns
Qrr
Reverse recovery charge
-
5.73
µC
IRRM
Reverse recovery current
-
19.7
A
Notes:
(1)Pulse width limited by safe operating area
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
V (BR)GSO
Gate-source breakdown
voltage
IGS= ± 1mA, ID= 0A
30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection,thus eliminating the need for additional external componentry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com