Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7703 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7703
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7703 Datasheet HTML 4Page - STMicroelectronics TDA7703 Datasheet HTML 5Page - STMicroelectronics TDA7703 Datasheet HTML 6Page - STMicroelectronics TDA7703 Datasheet HTML 7Page - STMicroelectronics TDA7703 Datasheet HTML 8Page - STMicroelectronics TDA7703 Datasheet HTML 9Page - STMicroelectronics TDA7703 Datasheet HTML 10Page - STMicroelectronics TDA7703 Datasheet HTML 11Page - STMicroelectronics TDA7703 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Block diagram and pin description
TDA7703
8/32
Rev 1
15
LNAIN2
AM LNA input 2nd stage
16
LNAOUT2
AM LNA output
17
LNADEC2
AM LNA decoupling 2nd stage
18
AMMIXIN
AM mixer input
19
VREF165
1.65 V reference voltage decoupling
20
VREFDEC
3.3 V reference voltage decoupling
21
GND-DIG
Digital GND
22
VCC-DIG
5 V supply for digital logic
23
VCCREG1V2
VCC of 1.2 V regulator
24
REG1V2
1.2 V regulator output
25
VDD-3V3
3.3 V VDD output / decoupling
26
SDA
I2C bus data
27
SCL
I2C bus clock
28
VDD-1V2
1.2 V DSP supply
29
BUSSET
Bus communication setup
30
RSTN
Reset pin (active low)
31
VDD-1V2
1.2 V DSP supply
32
GND-1V2
Digital GND for 1.2 V VDD
33
VCC-DAC
5 V supply of audio DAC
34
OSCOUT
Xtal osc output
35
OSCIN
Xtal osc input
36
GND-DAC
Audio DAC GND
37
DACOUTL
Audio output left
38
DACOUTR
Audio output right
39
GND-IFADC
IF ADC GND
40
VCC-IFADC
5 V supply of IF ADC
41
VCC-PLL
5 V supply of PLL
42
GND-PLL
PLL GND
43
VCC-VCO
5 V supply of VCO
44
GND-VCO
VCO GND
Table 2.
Pin description (continued)
Pin #
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com