Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PL2303
Description  PL-2303 USB to RS-232 Bridge Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL2303 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PL2303 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Release Date:
July, 2002
ds_pl2303_v14
PL-2303 Product Datasheet
- 8 -
Document Revision 1.3
Table 5. Device Configuration Register
Name
Bits
Definition
Default
23
RESERVED
Reserved
0
22
TRI_OUT
RS-232 Output Tri-state:
1: RS-232 output tri-state
0: RS-232 output in output mode
0
21
RW_MODE
Remote Wakeup Mode:
0: When engages remote wakeup, the device issues disconnect
signal
1: When engages remote wakeup, the device issues resume
signal
1
20
WURX
Enable Wake Up Trigger on RXD:
0 – Disabled;
1 – Enable Wake Up Trigger on RXD state changes.
0
19
WUDSR
Enable Wake Up Trigger on DSR:
0 – Disabled;
1 – Enable Wake Up Trigger on DSR state changes.
0
18
WURI
Enable Wake Up Trigger on RI:
0 – Disabled;
1 – Enable Wake Up Trigger on RI state changes.
1
17
WUDCD
Enable Wake Up Trigger on DCD:
0 – Disabled;
1 – Enable Wake Up Trigger on DCD state changes.
0
16
WUCTS
Enable Wake Up Trigger on CTS:
0 – Disabled;
1 – Enable Wake Up Trigger on CTS state changes.
0
15
RESERVED
Always set to one
1
14
RESERVED
Always set to zero
0
13
RESERVED
Always set to zero
0
12
RW_INH
Remote Wake Inhibit:
1 – Inhibit the USB Remote Wakeup function
0 – Enable the USB Remote Wakeup function
0
11:6
RESERVED
Always set to zero
0
5:4
RTSM
RTS Control Method:
00b – RTS is controlled by ControlBitMap. Signal is active low;
01 – RTS is controlled by ControlBitMap. Signal is active high;
10 – Drive RTS active when Downstream Data Buffer is NOT
EMPTY; otherwise Drive RTS inactive.
11 – Drive RTS inactive when Downstream Data Buffer is NOT
EMPTY; otherwise Drive RTS active.
0
3:1
RESERVED
Always set to zero
0
0
RSPDM
RS-232 Transceiver Shut-Down Mode:
1: Shut down the transceiver when USB SUSPEND is engaged
0: Do not shut down the transceiver even when USB SUSPEND
is engaged
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com