Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT20EP103 Datasheet(PDF) 1 Page - Copal Electronics

Part # CT20EP103
Description  15 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT20EP103 Datasheet(HTML) 1 Page - Copal Electronics

  CT20EP103 Datasheet HTML 1Page - Copal Electronics CT20EP103 Datasheet HTML 2Page - Copal Electronics CT20EP103 Datasheet HTML 3Page - Copal Electronics CT20EP103 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2
3
4 5
6
7
8
9
!0
Part name
1
2
3
4
5
6
7
8
9
!0
Shaft
Base element
Slider block
Electrode
Wiper
Resistive element
Terminal pin
Material
Flammability
Housing
Rubber cushion
Adhesive
※ Please refer to the LIST OF PART NUMBERS when placing orders.
RuO2 cermet
Ceramic
Epoxy
Ag-Pd cermet
Multi metal alloy
Brass, Nickel-plated
Silicone rubber
Polybutyleneterephthalate
Polybutyleneterephthalate
INTERNAL STRUCTURE
■ FEATURES
O RoHS compliant
O General use type
O Wide resistance range from 10 Ω to 5 MΩ
■ PART NUMBER DESIGNATION
C T - 2 0 E P 2 0 0 k
Ω ( 2 0 4 )
Series name
Resistance code
Resistance value
Product shape
P:Side adjustment
X:Side adjustment
PB:Panel mount
—
—
—
UL94HB
UL94V-0
UL94V-0
—
CT-20
15 TURNS CERMET TRIMMERS
Terminal pin
E
:Sn (Lead-free)
Copper, Tin-plated
RoHS compliant


Similar Part No. - CT20EP103

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
Automatic Timing & Cont...
CT200/5 ATC-CT200/5 Datasheet
315Kb / 2P
Motor Protection Analyzer
logo
Bel Fuse Inc.
CT200001 BEL-CT200001 Datasheet
150Kb / 1P
FIELD TERMINABLE SC CONNECTOR UPC
Rev. A0
logo
Hammond Manufacturing L...
CT200A HAMMOND-CT200A Datasheet
284Kb / 1P
Current Transformers - Indoor Toroidal CT Series
More results

Similar Description - CT20EP103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CT-20 VISHAY-CT-20 Datasheet
184Kb / 4P
Cermet Trimmers, 15 Turns
11-Nov-05
logo
Copal Electronics
CT-9 COPAL-CT-9 Datasheet
276Kb / 4P
18 TURNS CERMET TRIMMERS
CT-20 COPAL-CT-20 Datasheet
284Kb / 4P
15 TURNS CERMET TRIMMERS
CT-94 COPAL-CT-94 Datasheet
290Kb / 4P
18 TURNS CERMET TRIMMERS
TM-7 COPAL-TM-7 Datasheet
277Kb / 4P
3 TURNS CERMET TRIMMERS
RJ-5 COPAL-RJ-5 Datasheet
92Kb / 4P
14 TURNS CERMET TRIMMERS
RJ-9 COPAL-RJ-9 Datasheet
277Kb / 4P
18 TURNS CERMET TRIMMERS
ST-5 COPAL-ST-5 Datasheet
128Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
logo
Vishay Siliconix
SM-4 VISHAY-SM-4 Datasheet
339Kb / 7P
Surface Mount Cermet Trimmers (12 Turns)
06-Mar-06
logo
Copal Electronics
CT94EW103 COPAL-CT94EW103 Datasheet
290Kb / 4P
18 TURNS CERMET TRIMMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com