Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC250V2-500E Datasheet(PDF) 11 Page - STMicroelectronics

Part # STAC250V2-500E
Description  Operating frequency up to 27 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC250V2-500E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STAC250V2-500E Datasheet HTML 5Page - STMicroelectronics STAC250V2-500E Datasheet HTML 6Page - STMicroelectronics STAC250V2-500E Datasheet HTML 7Page - STMicroelectronics STAC250V2-500E Datasheet HTML 8Page - STMicroelectronics STAC250V2-500E Datasheet HTML 9Page - STMicroelectronics STAC250V2-500E Datasheet HTML 10Page - STMicroelectronics STAC250V2-500E Datasheet HTML 11Page - STMicroelectronics STAC250V2-500E Datasheet HTML 12Page - STMicroelectronics STAC250V2-500E Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STAC250V2-500E
Marking, packing and shipping specifications
DocID026071 Rev 5
11/13
6
Marking, packing and shipping specifications
Table 9: Packing and shipping specifications
Order code
Packaging
Pieces per tray
Dry pack humidity
Lot code
STAC250V2-500E
Plastic tray
25
< 10%
Not mixed
Figure 7: Marking layout
Table 10: Marking specifications
Symbol
Description
CZ
Assembly plant
xxx
Last 3 digits of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assembly year
yy
Assembly week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com