Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-4/42EB Datasheet(PDF) 6 Page - Copal Electronics

Part # ST-4/42EB
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-4/42EB Datasheet(HTML) 6 Page - Copal Electronics

  ST-4/42EB Datasheet HTML 1Page - Copal Electronics ST-4/42EB Datasheet HTML 2Page - Copal Electronics ST-4/42EB Datasheet HTML 3Page - Copal Electronics ST-4/42EB Datasheet HTML 4Page - Copal Electronics ST-4/42EB Datasheet HTML 5Page - Copal Electronics ST-4/42EB Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
<Bulk pack specifications>
Unit of bulk in a plastic bag is 100 pcs. per pack.
Boxing of bulk in a plastic bag is performed with 500
pcs. per box.
PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below.
<Taping packaging specifications>
Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
ST-4ETA, ETB and ETD versions are boxed with 4 reels
(2000 pcs.).
ST-4ETG and ETH versions are boxed with one reel
(500 pcs.).
EMBOSSED TAPE DIMENSIONS
REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
ST-4ETA/ETB/ETD
ST-4ETG/ETH
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
180
(ST-4ETA/ETB/ETD)
254
± 2 (ST-4ETG/ETH)
21
±0.8
13
±0.2
2
±0.5
13
(ETA/ETB)
0
–1.5
+1
0
13.4
±1(ETG/ETH)
15.4
±1 (ETA/ETB/ETD)
17.4
±1 (ETG/ETH)
Direction of feed
0.30.1
80.1
40.1
20.05
φ 1.5
φ 1.5
+0.1
0
2.7 (ST-4ETA/ETB)
3.4 (ST-4ETD)
Installation example
(ST-4EA)
Lead-free Identification mark
1.5
+0.1
0
20.1
40.1
80.1
0.30.1
6.4
Installation example
(ST-4EG)
Direction of feed
ST-4
SURFACE MOUNT TRIMMERS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com