Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF26NM60ND Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF26NM60ND
Description  Low input capacitance and gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF26NM60ND Datasheet(HTML) 5 Page - STMicroelectronics

  STF26NM60ND Datasheet HTML 1Page - STMicroelectronics STF26NM60ND Datasheet HTML 2Page - STMicroelectronics STF26NM60ND Datasheet HTML 3Page - STMicroelectronics STF26NM60ND Datasheet HTML 4Page - STMicroelectronics STF26NM60ND Datasheet HTML 5Page - STMicroelectronics STF26NM60ND Datasheet HTML 6Page - STMicroelectronics STF26NM60ND Datasheet HTML 7Page - STMicroelectronics STF26NM60ND Datasheet HTML 8Page - STMicroelectronics STF26NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID025283 Rev 1
5/23
STB26NM60ND, STF26NM60ND, STP26NM60ND, STW26NM60ND
Electrical characteristics
23
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified).
Table 5. On/off states
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
VDS = 600 V @TC= 125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on- resistance
VGS = 10 V, ID = 10.5 A
0.145
0.175
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
1817
-
pF
Coss
Output capacitance
-
90
-
pF
Crss
Reverse transfer
capacitance
-4.4
-
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
270
-
pF
td(on)
Turn-on delay time
VDD = 300 V, ID = 10.5 A
RG =4.7 Ω VGS = 10 V
(see Figure 23),
(see Figure 18)
-22
-
ns
tr
Rise time
-
14.5
-
ns
td(off)
Turn-off delay time
-
69
-
ns
tf
Fall time
-
27.5
-
ns
Qg
Total gate charge
VDD = 480 V, ID = 21 A,
VGS = 10 V,
(see Figure 19)
-54.6
-
nC
Qgs
Gate-source charge
-
9.1
-
nC
Qgd
Gate-drain charge
-
32.5
-
nC
Rg
Intrinsic gate resistance
f = 1 MHz, ID = 0
-
2.5
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com