Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW26NM60ND Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW26NM60ND
Description  Low input capacitance and gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26NM60ND Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW26NM60ND Datasheet HTML 5Page - STMicroelectronics STW26NM60ND Datasheet HTML 6Page - STMicroelectronics STW26NM60ND Datasheet HTML 7Page - STMicroelectronics STW26NM60ND Datasheet HTML 8Page - STMicroelectronics STW26NM60ND Datasheet HTML 9Page - STMicroelectronics STW26NM60ND Datasheet HTML 10Page - STMicroelectronics STW26NM60ND Datasheet HTML 11Page - STMicroelectronics STW26NM60ND Datasheet HTML 12Page - STMicroelectronics STW26NM60ND Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID025283 Rev 1
9/23
STB26NM60ND, STF26NM60ND, STP26NM60ND, STW26NM60ND
Electrical characteristics
23
Figure 14. Normalized on-resistance vs
temperature
Figure 15. Source-drain diode forward
characteristics
Figure 16. Normalized VDS vs temperature
Figure 17. Output capacitance stored energy
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.9
2.1
I = 10.5 A
D
V
= 10 V
GS
AM16035v1
VSD
0
4
ISD(A)
(V)
2
6
8
0
0.2
0.4
0.6
0.8
1
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
10 12 14 16 18
1.2
AM16037v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.91
0.93
0.95
0.97
0.99
1.03
1.05
1.01
ID = 1mA
1.07
1.09
AM10636v1
Eoss
2
1
0
0
100
VDS(V)
(µJ)
400
3
200
300
4
500
600
5
6
7
8
9
10
AM16033v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com