Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL805 Datasheet(PDF) 30 Page - Micronas

Part # HAL805
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805 Datasheet(HTML) 30 Page - Micronas

Back Button HAL805 Datasheet HTML 26Page - Micronas HAL805 Datasheet HTML 27Page - Micronas HAL805 Datasheet HTML 28Page - Micronas HAL805 Datasheet HTML 29Page - Micronas HAL805 Datasheet HTML 30Page - Micronas HAL805 Datasheet HTML 31Page - Micronas HAL805 Datasheet HTML 32Page - Micronas HAL805 Datasheet HTML 33Page - Micronas HAL805 Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
30
Sept. 19, 2013; APN000046_03EN
Micronas
4.5.
The Programming Procedure
The general programming procedure is described in detail for the HAL805 (HAL815/
HAL817).
The procedure for the HAL810 is quite similar. However, the multiprogramming (i.e. the
programming of more than one sensor connected to the same supply voltage) does not
apply for the HAL810. Additionally, some register names are different for the HAL810.
An example of a programming procedure is given in Fig. 4–6.
First, the programmer board has to be initialized. If more than one sensor is connected
to the same supply line, the sensors have to be addressed sequentially. This is done by
the multiprogramming loop: After deactivating all sensors, the sensor to be pro-
grammed is activated again by sending a pulse on the corresponding output line, fol-
lowed by a dummy read command.
Note: The flow chart shown in Fig. 4–6 is intended as a simple example. The multipro-
gramming loop can also be done within the calibration procedure.
Please keep in mind that the board commands “e...”, “q...”, “m...”, and “t” cause the
board to send back an eight character string to the PC. This string must be read out of
the serial port before sending the next command.
Table 4–7:
Cross reference register names
Register HAL8x5
Register HAL810
CLAMP LOW
MIN DUTY
CLAMP HIGH
MAX DUTY
SENSITIVITY
DC SENSITIVITY
VOQ
DCOQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com