Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB43N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB43N60DM2
Description  N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB43N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STB43N60DM2 Datasheet HTML 1Page - STMicroelectronics STB43N60DM2 Datasheet HTML 2Page - STMicroelectronics STB43N60DM2 Datasheet HTML 3Page - STMicroelectronics STB43N60DM2 Datasheet HTML 4Page - STMicroelectronics STB43N60DM2 Datasheet HTML 5Page - STMicroelectronics STB43N60DM2 Datasheet HTML 6Page - STMicroelectronics STB43N60DM2 Datasheet HTML 7Page - STMicroelectronics STB43N60DM2 Datasheet HTML 8Page - STMicroelectronics STB43N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2015
DocID028058 Rev 1
1/15
This is information on a product in full production.
www.st.com
STB43N60DM2
N-
channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2
Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax.
RDS(on)
max.
ID
PTOT
STB43N60DM2
650 V
0.093 Ω
34 A
250 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STB43N60DM2
43N60DM2
D²PAK
Tape and reel
1
3
TAB
D2PAK


Similar Part No. - STB43N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
logo
Inchange Semiconductor ...
STB43N65M5 ISC-STB43N65M5 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB43N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
01-Jul-2015
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STB12N60DM2AG STMICROELECTRONICS-STB12N60DM2AG Datasheet
422Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
14-Apr-2021
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
02-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com