Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP120N10F4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP120N10F4
Description  N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120N10F4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP120N10F4 Datasheet HTML 10Page - STMicroelectronics STP120N10F4 Datasheet HTML 11Page - STMicroelectronics STP120N10F4 Datasheet HTML 12Page - STMicroelectronics STP120N10F4 Datasheet HTML 13Page - STMicroelectronics STP120N10F4 Datasheet HTML 14Page - STMicroelectronics STP120N10F4 Datasheet HTML 15Page - STMicroelectronics STP120N10F4 Datasheet HTML 16Page - STMicroelectronics STP120N10F4 Datasheet HTML 17Page - STMicroelectronics STP120N10F4 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID026168 Rev 1
15/18
STB120N10F4, STP120N10F4
Packaging mechanical data
18
5
Packaging mechanical data
Figure 22. Tape
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
Top cover
tape
AM08852v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com